Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ4014MB-120 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ4014MB-120
Description  256Kx8 Nonvolatile SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4014MB-120 Datasheet(HTML) 4 Page - Texas Instruments

  BQ4014MB-120 Datasheet HTML 1Page - Texas Instruments BQ4014MB-120 Datasheet HTML 2Page - Texas Instruments BQ4014MB-120 Datasheet HTML 3Page - Texas Instruments BQ4014MB-120 Datasheet HTML 4Page - Texas Instruments BQ4014MB-120 Datasheet HTML 5Page - Texas Instruments BQ4014MB-120 Datasheet HTML 6Page - Texas Instruments BQ4014MB-120 Datasheet HTML 7Page - Texas Instruments BQ4014MB-120 Datasheet HTML 8Page - Texas Instruments BQ4014MB-120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Figure 2. Output Load B
Figure 1. Output Load A
bq4014/bq4014Y
AC Test Conditions
Parameter
Test Conditions
Input pulse levels
0V to 3.0V
Input rise and fall times
5 ns
Input and output timing reference levels
1.5 V (unless otherwise specified)
Output load (including scope and jig)
See Figures 1 and 2
Read Cycle (TA = 0 to 70°C, VCCmin ≤ VCC ≤ VCCmax)
Symbol
Parameter
-85
-120
Unit
Conditions
Min.
Max.
Min.
Max.
tRC
Read cycle time
85
-
120
-
ns
tAA
Address access time
-
85
-
120
ns
Output load A
tACE
Chip enable access time
-
85
-
120
ns
Output load A
tOE
Output enable to output valid
-
45
-
60
ns
Output load A
tCLZ
Chip enable to output in low Z
5
-
5
-
ns
Output load B
tOLZ
Output enable to output in low Z
0
-
0
-
ns
Output load B
tCHZ
Chip disable to output in high Z
0
35
0
45
ns
Output load B
tOHZ
Output disable to output in high Z
0
25
0
35
ns
Output load B
tOH
Output hold from address change
10
-
10
-
ns
Output load A
Sept. 1992
4


Similar Part No. - BQ4014MB-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014MB-120 TI-BQ4014MB-120 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
More results

Similar Description - BQ4014MB-120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
White Electronic Design...
EDI88257C WEDC-EDI88257C Datasheet
285Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
List of Unclassifed Man...
WSF256K8-XCX ETC1-WSF256K8-XCX Datasheet
32Kb / 2P
   256Kx8 SRAM/ FLASH MODULE
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com