Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMC-1812 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IMC-1812
Description  Surface Mount, Molded Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMC-1812 Datasheet(HTML) 2 Page - Vishay Siliconix

  IMC-1812_07 Datasheet HTML 1Page - Vishay Siliconix IMC-1812_07 Datasheet HTML 2Page - Vishay Siliconix IMC-1812_07 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IMC-1812
Surface Mount, Molded Inductor
Vishay Dale
Document Number: 34044
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 22-May-07
111
DESCRIPTION
IMC-1812
10 µH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
PRODUCT FAMILY
SIZE
INDUCTANCE VALUE
PACKAGE CODE
TOL.
GLOBAL PART NUMBER
IM
C
1
8
12
E
R
1
0
0
K


Similar Part No. - IMC-1812_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-1812ER0.010+20 VISHAY-IMC-1812ER0.010+20 Datasheet
87Kb / 2P
   Surface Mount, Molded Inductor
Revision: 26-Feb-06
IMC-1812ER0.010-20 VISHAY-IMC-1812ER0.010-20 Datasheet
87Kb / 2P
   Surface Mount, Molded Inductor
Revision: 26-Feb-06
IMC-1812ER0.012+20 VISHAY-IMC-1812ER0.012+20 Datasheet
87Kb / 2P
   Surface Mount, Molded Inductor
Revision: 26-Feb-06
IMC-1812ER0.012-20 VISHAY-IMC-1812ER0.012-20 Datasheet
87Kb / 2P
   Surface Mount, Molded Inductor
Revision: 26-Feb-06
IMC-1812ER0.018+20 VISHAY-IMC-1812ER0.018+20 Datasheet
87Kb / 2P
   Surface Mount, Molded Inductor
Revision: 26-Feb-06
More results

Similar Description - IMC-1812_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-1812 VISHAY-IMC-1812 Datasheet
87Kb / 2P
   Surface Mount, Molded Inductor
Revision: 26-Feb-06
IMC-1210-100 VISHAY-IMC-1210-100 Datasheet
88Kb / 1P
   Surface Mount, Molded Inductor
Revision 28-Aug-02
IMC-1210 VISHAY-IMC-1210 Datasheet
84Kb / 2P
   Surface Mount, Molded Inductor
Revision: 16-Jan-06
ISC-1210 VISHAY-ISC-1210 Datasheet
79Kb / 2P
   Surface Mount, Molded, Shielded Inductor
Revision: 22-May-07
ISC1210 VISHAY-ISC1210 Datasheet
138Kb / 1P
   Surface Mount, Molded, Shielded Inductor
Revision 28-Aug-02
IMC-0805 VISHAY-IMC-0805_08 Datasheet
87Kb / 2P
   High Frequency, Surface Mount, Molded Inductor
Revision: 27-Oct-08
logo
XFMRS Inc.
XF1167-ER14S XFMRS-XF1167-ER14S Datasheet
45Kb / 1P
   Surface Mount Inductor
XF0266S5 XFMRS-XF0266S5 Datasheet
43Kb / 1P
   Surface Mount Inductor
XF0076S5 XFMRS-XF0076S5 Datasheet
62Kb / 1P
   Surface Mount Inductor
XF0226S3 XFMRS-XF0226S3 Datasheet
45Kb / 1P
   Surface Mount Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com