Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDCIP2001-B Datasheet(PDF) 5 Page - International Rectifier

Part # IRDCIP2001-B
Description  IRDCiP2001-B, 500kHz, 60A, 3-phase Synchronous Buck Converter using iP2001
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDCIP2001-B Datasheet(HTML) 5 Page - International Rectifier

  IRDCIP2001-B Datasheet HTML 1Page - International Rectifier IRDCIP2001-B Datasheet HTML 2Page - International Rectifier IRDCIP2001-B Datasheet HTML 3Page - International Rectifier IRDCIP2001-B Datasheet HTML 4Page - International Rectifier IRDCIP2001-B Datasheet HTML 5Page - International Rectifier IRDCIP2001-B Datasheet HTML 6Page - International Rectifier IRDCIP2001-B Datasheet HTML 7Page - International Rectifier IRDCIP2001-B Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
IRDCiP2001-B
Fig. 4 - Component Placement Top Layer
Fig. 5 - Component Placement Bottom Layer


Similar Part No. - IRDCIP2001-B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
   500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
   IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
More results

Similar Description - IRDCIP2001-B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP2001-C IRF-IRDCIP2001-C Datasheet
674Kb / 8P
   IRDCiP2001-C, 500kHz, 80A, 4-phase Synchronous Buck Converter using iP2001
IRDCIP2001-A IRF-IRDCIP2001-A Datasheet
651Kb / 8P
   500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IRDCIP2005C-1 IRF-IRDCIP2005C-1 Datasheet
1Mb / 13P
   IRDCiP2005C-1: 500kHz, 60A, Single Output, Dual Phase Synchronous Buck Converter Featuring iP2005C and IR3623M
logo
Anpec Electronics Corop...
APW7314 ANPEC-APW7314 Datasheet
942Kb / 18P
   24V 2A 500kHz synchronous Buck Converter
APW7324 ANPEC-APW7324 Datasheet
361Kb / 22P
   4A,5V, 500KHz Synchronous Buck Converter
logo
International Rectifier
IRDCIP2002-C IRF-IRDCIP2002-C Datasheet
1Mb / 7P
   1MHz, 120A, 4-phase Synchronous Buck Converter using iP2002
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
   6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
logo
Diodes Incorporated
AP6508 DIODES-AP6508 Datasheet
999Kb / 14P
   500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
International Rectifier
IRDCIP1206-B IRF-IRDCIP1206-B Datasheet
2Mb / 17P
   IRDCiP1206-B: 300 kHz, Dual Output, Synchronous Buck Converter using iP1206
logo
Fitipower Integrated Te...
FR9808 FITIPOWER-FR9808 Datasheet
1Mb / 13P
   21V, 4A, 500KHz Synchronous PWM-Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com