Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3563-3002 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 3563-3002
Description  designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3563-3002 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  3563-3002 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3563-3002 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
JNPS-0846
i
目 次 /
CONTENTS
/ PAGE
1.
機能
················································································································· 1
FUNCTION············································································································ 6
2.
適合対象
········································································································· 1
COMPATIBLE OBJECTS ····················································································· 6
3.
関連仕様図
····································································································· 1
RELATED SPECIFICATION DRAWINGS ························································ 6
4.
関連規格類
····································································································· 1
RELATED TEST STANDARDS ········································································· 6
5.
適用
················································································································· 2
APPLICATION ······································································································ 7
6.
品質特性
······································································································· 3
QUALITY PERFORMANCE················································································· 8
7.
製品上めっき仕様識別表示
·········································································· 4
PLATING SPEC INDICATION ON CONNECTOR·············································· 9
8.
包装&表示
····································································································· 4
PACKAGE & IDENTIFICATION ········································································· 9
9.
保管
················································································································· 5
STORAGE············································································································ 10
10.
注意事項
········································································································· 5
ATTENTIONS ····································································································· 10


Similar Part No. - 3563-3002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3563-3002 ETC-3563-3002 Datasheet
158Kb / 2P
   Fits standard IC sockets
More results

Similar Description - 3563-3002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1010215 PHOENIX-1010215 Datasheet
572Kb / 10P
   Assembled IDC female connector, Displacement connection
1010247 PHOENIX-1010247 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010255 PHOENIX-1010255 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010239 PHOENIX-1010239 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010220 PHOENIX-1010220 Datasheet
575Kb / 10P
   Assembled IDC female connector, Displacement connection
1010259 PHOENIX-1010259 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010238 PHOENIX-1010238 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010237 PHOENIX-1010237 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010244 PHOENIX-1010244 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010242 PHOENIX-1010242 Datasheet
599Kb / 10P
   Assembled IDC female connector, Displacement connection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com