Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

334-NTC404-RC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 334-NTC404-RC
Description  THERMISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

334-NTC404-RC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  334-NTC404-RC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
XICON PASSIVE COMPONENTS • (800) 628-0544
Thermistors
334-NTCXXX-RC Series
XC-600092
Date Revised: 2/13/07
334-NTC201-RC
334-NTC152-RC
334-NTC103-RC
334-NTC503-RC
334-NTC153-RC
334-NTC502-RC
334-NTC202-RC
334-NTC102-RC
334-NTC501-RC
334-NTC301-RC
334-NTC101-RC
334-NTC404-RC
334-NTC224-RC
334-NTC104-RC
334-NTC203-RC
334-NTC302-RC
Typical R-T Curves of NTC 5mm Series (C)
80 70
60 50
40
3025 20
10
0
107
106
105
104
103
102
101
ø6.5
max.
4.5/
2.5
ø.52/
ø.48
4.0
max.
25.0
min.
Epoxy
Tinned Copper Leads
Specifications:
• Type: 5mm epoxy coated disc
• Operating temperature: -20°~+125°C
• RoHS Compliant
• Maximum power rating: 500mW
• Resistance tolerance: ±15%
• Thermal dissipation constant: 6mW/°C
Dimensions (mm)
(min./max.)
334-NTC101-RC
334-NTC201-RC
334-NTC301-RC
334-NTC501-RC
334-NTC102-RC
334-NTC152-RC
334-NTC202-RC
334-NTC302-RC
334-NTC502-RC
334-NTC103-RC
334-NTC153-RC
334-NTC203-RC
334-NTC503-RC
334-NTC104-RC
334-NTC224-RC
334-NTC404 -RC
100
200
300
500
1000
1500
2000
3000
5000
10000
15000
20000
50000
100000
220000
400000
Mouser
Stock No.
Nominal
Resistance
@25°C(Ω)
3100
3000
3000
3800
3700
3700
4000
4000
4100
4100
4200
4200
4400
4400
4500
4500
Beta
Value
±7%(°K)
200
200
150
100
80
60
60
50
45
30
25
25
20
15
6
5
Maximum
Operating
Current
@25°C(mA)
19
14
15
16
17
14
14
14
15
15
18
18
18
16
20
18
Thermal
Time
Constant
(Sec.)
110
120
130
150
210
215
220
230
250
310
315
320
350
410
422
440
Part
Marking


Similar Part No. - 334-NTC404-RC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA Datasheet
360Kb / 11P
   Popular T-1 3/4 round package
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA Datasheet
239Kb / 12P
   Popular T-1 3/4 round package.
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA Datasheet
302Kb / 11P
   LAMP
334-15-T1C1-1VXA EVERLIGHT-334-15-T1C1-1VXA_11 Datasheet
239Kb / 12P
   Popular T-1 3/4 round package.
334-15-T1C1-4VXC EVERLIGHT-334-15-T1C1-4VXC Datasheet
366Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - 334-NTC404-RC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
Murata Manufacturing Co...
PRG18BC3R3MM1RB MURATA-PRG18BC3R3MM1RB_17 Datasheet
222Kb / 3P
   Thermistors
PRG18BB330MB1RB MURATA-PRG18BB330MB1RB Datasheet
227Kb / 3P
   Thermistors
PRG18BB470MB1RB MURATA-PRG18BB470MB1RB Datasheet
226Kb / 3P
   Thermistors
PRG18BC1R0MM1RB MURATA-PRG18BC1R0MM1RB_17 Datasheet
223Kb / 3P
   Thermistors
PRF18BG471RS5RB MURATA-PRF18BG471RS5RB_17 Datasheet
225Kb / 3P
   Thermistors
PRG15BC220MM1RC MURATA-PRG15BC220MM1RC_17 Datasheet
227Kb / 3P
   Thermistors
PRG18BB101MS1RB MURATA-PRG18BB101MS1RB Datasheet
224Kb / 3P
   Thermistors
PRG21BC2R2MS5RA MURATA-PRG21BC2R2MS5RA Datasheet
228Kb / 3P
   Thermistors
PRG21BC3R3MS5RA MURATA-PRG21BC3R3MS5RA Datasheet
230Kb / 3P
   Thermistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com