Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS42S16400B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S16400B
Description  1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16400B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S16400B_07 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16400B_07 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. F
05/21/07
IS42S16400B
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no
liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on
any published information and before placing orders for products.
FEATURES
• Clock frequency: 166, 143 MHz
• Fully synchronous; all signals referenced to a
positive clock edge
• Internal bank for hiding row access/precharge
• Single 3.3V power supply
• LVTTL interface
• Programmable burst length
– (1, 2, 4, 8, full page)
• Programmable burst sequence:
Sequential/Interleave
• Self refresh modes
• 4096 refresh cycles every 64 ms
• Random column address every clock cycle
• Programmable
CAS latency (2, 3 clocks)
• Burst read/write operations capability
• Burst termination by burst stop and precharge
command
• Byte controlled by LDQM and UDQM
• Industrial temperature availability
• Package: 400-mil 54-pin TSOP II
• Lead-free package is available
OVERVIEW
ISSI's64MbSynchronousDRAMIS42S16400Bisorganized
as 1,048,576 bits x 16-bit x 4-bank for improved
performance. The synchronous DRAMs achieve high-speed
data transfer using pipeline architecture. All inputs and
outputs signals refer to the rising edge of the clock input.
1 Meg Bits x 16 Bits x 4 Banks (64-MBIT)
SYNCHRONOUS DYNAMIC RAM
MAY 2007
PIN CONFIGURATIONS
54-Pin TSOP (Type II)
VDD
DQ0
VDDQ
DQ1
DQ2
GNDQ
DQ3
DQ4
VDDQ
DQ5
DQ6
GNDQ
DQ7
VDD
LDQM
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
GND
DQ15
GNDQ
DQ14
DQ13
VDDQ
DQ12
DQ11
GNDQ
DQ10
DQ9
VDDQ
DQ8
GND
NC
UDQM
CLK
CKE
NC
A11
A9
A8
A7
A6
A5
A4
GND
PIN DESCRIPTIONS
A0-A11
Address Input
BA0, BA1
Bank Select Address
DQ0 to DQ15
Data I/O
CLK
System Clock Input
CKE
Clock Enable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
LDQM
Lower Bye, Input/Output Mask
UDQM
Upper Bye, Input/Output Mask
VDD
Power
GND
Ground
VDDQ
Power Supply for DQ Pin
GNDQ
Ground for DQ Pin
NC
No Connection


Similar Part No. - IS42S16400B_07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS42S16400B-6T ETC-IS42S16400B-6T Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400B-6TL ETC-IS42S16400B-6TL Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400B-7T ETC-IS42S16400B-7T Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400B-7TL ETC-IS42S16400B-7TL Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16400B1 ISSI-IS42S16400B1 Datasheet
468Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400B_07

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400A ISSI-IS42S16400A Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
IS42S16400B ETC-IS42S16400B Datasheet
472Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS45S16400C1 ISSI-IS45S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400F ISSI-IS42S16400F Datasheet
1Mb / 58P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400_08 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400C1 ISSI-IS42S16400C1 Datasheet
487Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400D ISSI-IS42S16400D Datasheet
562Kb / 57P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com