Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6726A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6726A
Description  Single phase PWM controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726A Datasheet(HTML) 1 Page - STMicroelectronics

  L6726A_07 Datasheet HTML 1Page - STMicroelectronics L6726A_07 Datasheet HTML 2Page - STMicroelectronics L6726A_07 Datasheet HTML 3Page - STMicroelectronics L6726A_07 Datasheet HTML 4Page - STMicroelectronics L6726A_07 Datasheet HTML 5Page - STMicroelectronics L6726A_07 Datasheet HTML 6Page - STMicroelectronics L6726A_07 Datasheet HTML 7Page - STMicroelectronics L6726A_07 Datasheet HTML 8Page - STMicroelectronics L6726A_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
July 2007
Rev 3
1/24
24
L6726A
Single phase PWM controller
Feature
Flexible power supply from 5V to 12V
Power conversion input as low as 1.5V
1% output voltage accuracy
High-current integrated drivers
Adjustable output voltage
0.8V internal reference
Sensorless and programmable OCP across
Low-side RdsON
Oscillator internally fixed at 270kHz
Programmable soft-start
LS-LESS start up
Disable function
FB disconnection protection
SO-8 package
Applications
Subsystem power supply (MCH, IOCH, PCI...)
Memory and termination Supply
CPU & DSP power supply
Distributed power supply
General DC / DC converters
Table 1. Device summary
Description
L6726A is a single-phase step-down controller
with integrated high-current drivers that provides
complete control logic, protections and reference
voltage to realize in an easy and simple way
general DC-DC converters by using a compact
SO-8 package.
Device flexibility allows managing conversions
with power input VIN as low as 1.5V and device
supply voltage ranging from 5V to 12V.
L6726A provides simple control loop with trans-
conductance error amplifier. The integrated 0.8V
reference allows regulating output voltage with
±1% accuracy over line and temperature
variations. Oscillator is internally fixed to 270kHz.
L6726A provides programmable over current
protection. Current information is monitored
across the Low-Side mosfet RdsON saving the use
of expensive and space-consuming sense
resistors.
FB disconnection protection prevents excessive
and dangerous output voltages in case of floating
FB pin.
SO-8
Order codes
Package
Packaging
L6726A
SO-8
Tube
L6726ATR
SO-8
Tape & Reel
www.st.com


Similar Part No. - L6726A_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726ATR STMICROELECTRONICS-L6726ATR Datasheet
436Kb / 24P
   Single phase PWM controller
L6726ATR STMICROELECTRONICS-L6726ATR Datasheet
992Kb / 35P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
More results

Similar Description - L6726A_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
logo
Richtek Technology Corp...
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
   Dual Single-Phase PWM Controller
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
   Dual Single-Phase PWM Controller
logo
STMicroelectronics
A6727B STMICROELECTRONICS-A6727B Datasheet
804Kb / 26P
   Automotive single-phase PWM controller
Rev 2 - March 2023
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com