Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3508-0100SC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 3508-0100SC
Description  designed for IDC (Insulation Displacement Connector) connection with 1.27mm pitch flat cable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3508-0100SC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  3508-0100SC Datasheet HTML 1Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 2Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 3Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 4Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 5Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 6Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 7Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 8Page - List of Unclassifed Manufacturers 3508-0100SC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
JNPS-0846
6-3 ELECTRICAL SPECIFICATIONS
TEST
DESCRIPTION
REQUIREMENT
TEST CONDITION
RELATED
STANDARD
DIELECTRIC
WITHSTANDING
VOLTAGE
No appearance of arcing
and break down.
Leak current: 1mA Max.
Impressed voltage is AC 1000V rms.
between adjacent two contacts for one
minute.
――――
INSULATION
RESIDENSE
1000M
Ω Min.
Impressed voltage is DC 500V between
adjacent two contacts for one minute.
――――
CONTACT
RESISTANCE
- Initial /
25 m
Ω Max.
- Change of contact
resistance after
environmental tests /
20 m
Ω Max.
Contact resistance is measured
at Short Circuit.
Current: 1.5mA
Open Circuit Voltage: 20mV
by 4 terminal method.
* Measurement values include
the resistance of contact pins
as conductive material.
* Refer to Table 1 regarding the conditions
of each environmental test.
See Table 1.
Table 1: ENVIROMENTAL TEST
ITEM
TEST CONDITION
RELATED STANDARD
MOISTURE
-10
∼ 65°C, Relative Humidity 95% / 10 cycles
MIL-STD-202F106D
SALT SPRAY
NaCl 5% solution, 35
°C / 48 hours
MIL-STD-202F101D
THERMAL SHOCK
-55
°C→25°C→85°C→25°C / 5 cycles
MIL-STD-202F107G
HUMIDITY
(STEADY STATE)
40
°C, Relative Humidity 95% / 96 hours
MIL-STD-202F103B
THERMAL LIFE
Steady Current: Current Rating
× 110%, 85°C / 1000 hours
――――
H2S GAS
3
± 1 ppm, 40°C, Relative Humidity 70 ∼ 80% / 96 hours
JEIDA-38-1984
7. PLATING SPEC INDICATION ON CONNECTOR
The first letter, in stamped 3 letters on the connector body for lot numbering, identified the following
plating specs.
N XX or n XX : PR plating
C XX or c XX : SC plating
S XX or s XX : S plating
* XX : two alphabet letters
8. PACKAGE & IDENTIFICATION
These products are packed with plastic tray and carton box for transit.
Carton box are identified by part number, quantity, maker name and lot number.


Similar Part No. - 3508-0100SC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
3508 LINER-3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
logo
List of Unclassifed Man...
35080 ETC2-35080 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
logo
Tyco Electronics
350809 MACOM-350809 Datasheet
152Kb / 4P
   Universal MATE N LOK Connectors
logo
List of Unclassifed Man...
35081 ETC2-35081 Datasheet
1Mb / 23P
   The Standard for Tools and Workbench Accessories
logo
Tyco Electronics
350810 MACOM-350810 Datasheet
152Kb / 4P
   Universal MATE N LOK Connectors
More results

Similar Description - 3508-0100SC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1010215 PHOENIX-1010215 Datasheet
572Kb / 10P
   Assembled IDC female connector, Displacement connection
1010247 PHOENIX-1010247 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010255 PHOENIX-1010255 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010239 PHOENIX-1010239 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010220 PHOENIX-1010220 Datasheet
575Kb / 10P
   Assembled IDC female connector, Displacement connection
1010259 PHOENIX-1010259 Datasheet
588Kb / 10P
   Assembled IDC female connector, Displacement connection
1010238 PHOENIX-1010238 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010237 PHOENIX-1010237 Datasheet
605Kb / 10P
   Assembled IDC female connector, Displacement connection
1010244 PHOENIX-1010244 Datasheet
582Kb / 10P
   Assembled IDC female connector, Displacement connection
1010242 PHOENIX-1010242 Datasheet
599Kb / 10P
   Assembled IDC female connector, Displacement connection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com