Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG470EY-T1-E3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG470EY-T1-E3
Description  High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG470EY-T1-E3 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG470EY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG470EY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number: 71470
S-72541-Rev. C, 17-Dec-07
Vishay Siliconix
DG469/470
TYPICAL CHARACTERISTICS
Charge Injection vs. Analog Voltage
Charge Injection vs. Analog Voltage
Switching Time vs. Temperature and
Dual Supply Voltage
- 200
- 150
- 100
- 50
0
50
100
150
200
0
1
2
3
4
5
6
7
8
9
10
11
12
VCOM - Analog Voltage (V)
V+ = + 12 V
V- = 0 V
CL = 1 nF
- 350
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
300
350
- 15
- 10
- 5
0
5
10
15
V+ = + 5 V
V- = - 15 V
CL = 1 nF
VCOM - Analog Voltage (V)
0
50
100
150
200
250
300
350
- 55
- 40
25
85
125
Temperature (°C)
tON, V ± = ± 4.5 V
tON, V ± = ± 15 V
tOFF, V ± = ± 4.5 V
tOFF, V ± = ± 15 V
Switching Time vs. Single Supply Voltage
Switching Time vs. Temperature and
Single Supply Voltage
Switching Time vs. Dual Supply Voltage
Supply Voltage (V)
0
50
100
150
200
250
300
4
8
12
16
20
24
28
32
36
tON
tOFF
T = 25 °C
0
50
100
150
200
250
300
- 55
- 40
25
85
125
Temperature (°C)
tON, V+ = 7 V
tON, V+ = 12 V
tOFF , V+ = 7 V
tOFF , V+ = 12 V
Supply Voltage (V)
0
50
100
150
200
250
300
468
10
12
14
16
18
20
tON
tOFF
T = 25 °C


Similar Part No. - DG470EY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG470EY-T1-E3 VISHAY-DG470EY-T1-E3 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
More results

Similar Description - DG470EY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG469 VISHAY-DG469_09 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43231 INTERSIL-ISL43231_06 Datasheet
491Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com