Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P80-VMP6TP Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25P80-VMP6TP
Description  8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P80-VMP6TP Datasheet(HTML) 1 Page - Numonyx B.V

  M25P80-VMP6TP Datasheet HTML 1Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 2Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 3Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 4Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 5Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 6Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 7Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 8Page - Numonyx B.V M25P80-VMP6TP Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
December 2007
Rev 16
1/52
1
M25P80
8 Mbit, low voltage, serial Flash memory
with 75 MHz SPI bus interface
Features
SPI bus compatible serial interface
75 MHz Clock rate (maximum)
2.7 V to 3.6 V single supply voltage
8 Mbit of Flash memory
Page Program (up to 256 bytes) in 0.64 ms
(typical)
Sector Erase (512 Kbit) in 0.6 s (typical)
Bulk Erase (8 Mbit) in 8 s (typical)
Hardware Write protection: protected area size
defined by three non-volatile bits (BP0, BP1
and BP2)
Deep Power-down mode 1 µA (typical)
Electronic signatures
– JEDEC Standard two-byte signature
(2014h)
– Unique ID code (UID) +16 bytes of CFI
data
– RES instruction one-byte signature (13h)
for backward compatibility
More than 100 000 Program/Erase cycles per
sector
More than 20 years’ data retention
Packages
– ECOPACK® (RoHS compliant)
SO8W (MW)
208 mils width
VFQFPN8 (MP)
6 × 5 mm (MLP8)
SO8N (MN)
150 mils width
www.numonyx.com


Similar Part No. - M25P80-VMP6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P80-VMP6TP STMICROELECTRONICS-M25P80-VMP6TP Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
More results

Similar Description - M25P80-VMP6TP

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
218Kb / 35P
   8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
   8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
August 2004
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com