Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC260WX2 Datasheet(PDF) 5 Page - LG Semicon Co.,Ltd.

Part # LC260WX2
Description  26?쓂XGA TFT LCD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LC260WX2 Datasheet(HTML) 5 Page - LG Semicon Co.,Ltd.

  LC260WX2 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LC260WX2 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Product Specification
5/ 28
LC260WX2
Liquid Crystal Display
Ver. 0.4
Dec.27, 2004
Figure 2. Temperature and relative humidity
Table 1. Absolute Maximum Ratings
1
°
C
+40
0
TOP
Operating Temperature
1
1
Vdc
+3.3
0
VBR-B
Brightness Control Voltage
Vdc
+27
-0.3
VBL
1
At 25℃
Note
95
95
+50
+5.25
+14
Max
%RH
%RH
°
C
Vdc
Vdc
Unit
10
10
-20
-0.3
-0.3
Min
Value
HST
HOP
TST
ON/OFF
VLCD
Symbol
Storage Humidity
Operating Ambient Humidity
Storage Temperature
On/Off Control Voltage
Power Supply
Input Voltage
Parameter
2. Absolute Maximum Ratings
Dry Bulb Temperature [
°
C]
Wet Bulb
Temperature [C]
Storage
Operation
10
20
30
40
50
60
70
80
0
-20
10
%
20
%
60
%
95% 80%
0
10
20
30
40
50
60
40
%
Note :
1. Temperature and relative humidity range are shown in the figure below.
Wet bulb temperature should be 39 °C Max., and no condensation.


Similar Part No. - LC260WX2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC260W01 LG-LC260W01 Datasheet
548Kb / 27P
   26.0??WXGA TFT LCD
More results

Similar Description - LC260WX2

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC370WX1 LG-LC370WX1 Datasheet
965Kb / 28P
   37.0?쓂XGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
logo
Sharp Corporation
LQ181E1LW31 SHARP-LQ181E1LW31 Datasheet
556Kb / 24P
   TFT-LCD Module
logo
List of Unclassifed Man...
HT12X21 ETC-HT12X21 Datasheet
352Kb / 22P
   TFT-LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com