Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P16-VME6TG Datasheet(PDF) 7 Page - Numonyx B.V

Part # M25P16-VME6TG
Description  16 Mbit, serial Flash memory, 75 MHz SPI bus interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P16-VME6TG Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M25P16-VME6TG Datasheet HTML 3Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 4Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 5Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 6Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 7Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 8Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 9Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 10Page - Numonyx B.V M25P16-VME6TG Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
M25P16
Description
7/55
Figure 2.
SO8, VFQFPN and VDFPN connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
Figure 3.
SO16 connections
1.
DU = Don’t use
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
1
AI08517
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P16
1
AI08594B
2
3
4
16
15
14
13
DU
DU
DU
DU
VCC
HOLD
DU
DU
M25P16
5
6
7
8
12
11
10
9
W
Q
VSS
DU
DU
S
D
C


Similar Part No. - M25P16-VME6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16-VME6TG STMICROELECTRONICS-M25P16-VME6TG Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
M25P16-VME6TG STMICROELECTRONICS-M25P16-VME6TG Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
More results

Similar Description - M25P16-VME6TG

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com