Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD29300P2T18R Datasheet(PDF) 9 Page - Sames

Part # LD29300P2T18R
Description  3A, Very low drop voltage regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

LD29300P2T18R Datasheet(HTML) 9 Page - Sames

Back Button LD29300P2T18R Datasheet HTML 5Page - Sames LD29300P2T18R Datasheet HTML 6Page - Sames LD29300P2T18R Datasheet HTML 7Page - Sames LD29300P2T18R Datasheet HTML 8Page - Sames LD29300P2T18R Datasheet HTML 9Page - Sames LD29300P2T18R Datasheet HTML 10Page - Sames LD29300P2T18R Datasheet HTML 11Page - Sames LD29300P2T18R Datasheet HTML 12Page - Sames LD29300P2T18R Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LD29150
Electrical characteristics
9/26
Note:
1
Guaranteed by design.
2
Dropout voltage is defined as the input-to-output differential when the output voltage drops
to 99% of its nominal value with VO+1V applied to VI.
3
Only for version with Inhibit function.
Table 5.
Electrical characteristics of LD29300#25
(IO = 10mA, TJ = 25°C, VI = 4.5V, VINH = 2V (Note 3), CI = 330nF, CO = 10µF, unless
otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10mA to 3A, VI = 3.5 to 8V
TJ = -40 to 125°C
2.475
2.5
2.525
V
2.45
2.55
ΔVO
Load regulation
IO = 10mA to 3A
0.2
1.0
%
ΔVO
Line regulation
VI = 3 to 13V
0.06
0.5
%
SVR
Supply voltage rejection
f = 120 Hz, VI = 4.5 ±1V, IO = 1.5A
(Note: 1)
55
70
dB
VDROP Dropout voltage
IO = 500mA, TJ = -40 to 125°C (Note 2)0.1
V
IO = 1.5A, TJ = -40 to 125°C (Note 2)0.2
IO = 3A, TJ = -40 to 125°C (Note 2)0.4
0.7
Iq
Quiescent current
IO = 1.5A, TJ = -40 to 125°C
20
50
mA
IO = 3A, TJ = -40 to 125°C
45
100
VI = 13V, VINH = GND, TJ = -40 to 125°C
130
180
µA
Isc
Short circuit current
VI - VO = 5.5V
4.5
A
VIL
Control input logic low
OFF MODE, (Note 3), TJ = -40 to 125°C
0.8
V
VIH
Control input logic high
ON MODE, (Note 3), TJ = -40 to 125°C
2
V
IINH
Control input current
TJ = -40 to 125°C, VINH = 13V
5
10
µA
eN
Output noise voltage
BP = 10Hz to 100KHz, IO = 100mA
100
µVRMS


Similar Part No. - LD29300P2T18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29300P2T18R STMICROELECTRONICS-LD29300P2T18R Datasheet
525Kb / 26P
   3 A, very low drop voltage regulators
More results

Similar Description - LD29300P2T18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
   1.5A, VERY LOW DROP VOLTAGE REGULATORS
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com