Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8117-XX Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8117-XX
Description  0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8117-XX Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8117-XX_05 Datasheet HTML 1Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 2Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 3Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 4Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 5Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 6Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 7Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 8Page - Microsemi Corporation LX8117-XX_05 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
0.8, 1 & 1.2A L OW DROPOUT POSITIVE REGULATORS
LX8117-xx/8117A-xx/8117B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.5a
4
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS
(continued)
Parameter
Symbol
Test Conditions
Units
LX8117 / 17A / 17B-25
Min.
Typ.
Max.
Output Voltage
V
OUT
I
OUT = 10mA, VIN = 5V, TA = 25°C
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Line Regulation (Note 3)
∆V
OUT
(V
IN)
I
OUT = 0mA, 4.25V ≤ VIN ≤ 10V
Load Regulation (Note 3)
∆V
OUT (IOUT)
V
IN = 4.25V, 0mA ≤ IOUT ≤ IOUT (MAX)
Dropout Voltage
∆VI
OUT = 100mA
(Note 4)
I
OUT = 500mA
LX8117-25
I
OUT = IOUT (MAX)
LX8117A/B-25
I
OUT = IOUT (MAX)
Current Limit
LX8117-25
I
OUT (MAX)
(V
IN - VOUT) = 5V, TJ = 25°C
LX8117A-25
(V
IN - VOUT) = 5V, TJ = 25°C
LX8117B-25
(V
IN - VOUT) = 5V, TJ = 25°C
Quiescent Current
I
Q
V
IN ≤ 10V
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 30ms pulse
Ripple Rejection
f
RIPPLE =120Hz, (VIN - V OUT) = 3V, VRIPPLE = 1Vp-p
Temperature Stability
∆V
OUT (T)
Long Term Stability
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT)VOUT (RMS)
10Hz
≤ f ≤ 10kHz
2.475
2.500
2.525
V
2.450
2.500
2.550
V
16
mV
210
mV
0.97
1.10
V
1.00
1.15
V
1.05
1.20
V
1.15
1.30
V
800
950
mA
1000
1200
mA
1200
1500
mA
4.5
10
mA
0.08
0.2
%/W
60
75
dB
0.5
%
0.3
%
0.003
%
LX8117-25 / 8117A-25 / 8117B-25 (2.5V Fixed)
Parameter
Symbol
Test Conditions
Units
LX8117 / 17A / 17B-28
Min.
Typ.
Max.
Output Voltage
V
OUT
I
OUT = 10mA, VIN = 4.85V, TA = 25°C
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.25V ≤ VIN ≤ 10V
0mA
≤ I
OUT ≤ 500mA, VIN = 3.95V
Line Regulation (Note 3)
∆V
OUT
(V
IN)
I
OUT = 0mA, 4.25V ≤ VIN ≤ 10V
Load Regulation (Note 3)
∆V
OUT (IOUT)
V
IN = 4.25V, 0mA ≤ IOUT ≤ IOUT (MAX)
Dropout Voltage
∆VI
OUT = 100mA
(Note 4)
I
OUT = 500mA
LX8117-28
I
OUT = IOUT (MAX)
LX8117A/B-28
I
OUT = IOUT (MAX)
Current Limit
LX8117-28
I
OUT (MAX)
(V
IN - VOUT) = 5V, TJ = 25°C
LX8117A-28
(V
IN - VOUT) = 5V, TJ = 25°C
LX8117B-28
(V
IN - VOUT) = 5V, TJ = 25°C
Quiescent Current
I
Q
V
IN ≤ 10V
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 30ms pulse
Ripple Rejection
f
RIPPLE =120Hz, (VIN - V OUT) = 3V, VRIPPLE = 1Vp-p
Temperature Stability
∆V
OUT (T)
Long Term Stability
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT)VOUT (RMS)
10Hz
≤ f ≤ 10kHz
2.820
2.850
2.880
V
2.790
2.850
2.910
V
2.790
2.850
2.910
V
16
mV
210
mV
0.97
1.10
V
1.00
1.15
V
1.05
1.20
V
1.15
1.30
V
800
950
mA
1000
1200
mA
1200
1500
mA
4.5
10
mA
0.08
0.2
%/W
60
75
dB
0.5
%
0.3
%
0.003
%
LX8117-28 / 8117A-28 / 8117B-28 (2.8V Fixed)
Notes: 3. See thermal regulation specification for changes in output voltage due to heating effects. Load regulation and line regulation are measured at a constant junction
temperature by low duty cycle pulse testing.
4. Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/output differential measured
at the specified output current. Test points and limits are also shown on the Dropout Voltage Curve.
5. Minimum load current is defined as the minimum output current required to maintain regulation.


Similar Part No. - LX8117-XX_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117-XX MICROSEMI-LX8117-XX Datasheet
222Kb / 9P
   0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
More results

Similar Description - LX8117-XX_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117-XX MICROSEMI-LX8117-XX Datasheet
222Kb / 9P
   0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Powerbox
PBSP-BOLERO POWERBOX-PBSP-BOLERO Datasheet
138Kb / 1P
   8 0 0 - 1 1 0 0WAT T D C / A C I N V E R T E R
logo
List of Unclassifed Man...
1-1102141-2 ETC2-1-1102141-2 Datasheet
10Mb / 236P
   T E CON N E C T I V I T Y AT YOU R S E R V I C E
logo
Microsemi Corporation
LX8382-XX MICROSEMI-LX8382-XX Datasheet
200Kb / 7P
   10 A LOW DROPOUT POSITIV E REGULATORS
logo
Powerbox
PBSP-PICCOLO POWERBOX-PBSP-PICCOLO Datasheet
140Kb / 1P
   1 5 0 - 2 5 0WAT T D C / A C I N V E R T E R
logo
Bothhand USA, LP.
S5778A BOTHHAND-S5778A Datasheet
271Kb / 1P
   DIL SINGLE T-1/E-1 LINE INTERFACE
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP_15 Datasheet
806Kb / 27P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI1-TPS768XXQ_16 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com