|
| LM833 |
|
||
|
STMICROELECTRONICS |
|
5 page
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. © 1997 SGS-THOMSON Microelectronics – Printed in Italy – All Rights Reserved SGS-THOM SON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A. PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO) Dim. Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 1.75 0.069 a1 0.1 0.25 0.004 0.010 a2 1.65 0.065 a3 0.65 0.85 0.026 0.033 b 0.35 0.48 0.014 0.019 b1 0.19 0.25 0.007 0.010 C 0.25 0.5 0.010 0.020 c1 45 o (typ.) D 4.8 5.0 0.189 0.197 E 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 F 3.8 4.0 0.150 0.157 L 0.4 1.27 0.016 0.050 M 0.6 0.024 S8 o (max.) LM833 5/5 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HA-5102 | Dual and Quad 8MHz and 60MHz Low Noise Operational Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
| MC33078 | LOW NOISE DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| TS522 | PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 | STMicroelectronics |
| MC33078 | DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | ON Semiconductor |
| AZ4580 | DUAL LOW NOISE OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| TL072 | LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | STMicroelectronics |
| BA4558F | LOW NOISE DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 | Rohm |
| M5238FP | DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS | 1 2 3 4 | Mitsubishi Electric Semiconductor |
| BA4558RF | LOW NOISE DUAL OPERATIONAL AMPLIFIERS | 1 2 3 4 5 More | Rohm |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |