Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P16-VME6 Datasheet(PDF) 1 Page - Numonyx B.V

Part # M25P16-VME6
Description  16 Mbit, serial Flash memory, 75 MHz SPI bus interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P16-VME6 Datasheet(HTML) 1 Page - Numonyx B.V

  M25P16-VME6 Datasheet HTML 1Page - Numonyx B.V M25P16-VME6 Datasheet HTML 2Page - Numonyx B.V M25P16-VME6 Datasheet HTML 3Page - Numonyx B.V M25P16-VME6 Datasheet HTML 4Page - Numonyx B.V M25P16-VME6 Datasheet HTML 5Page - Numonyx B.V M25P16-VME6 Datasheet HTML 6Page - Numonyx B.V M25P16-VME6 Datasheet HTML 7Page - Numonyx B.V M25P16-VME6 Datasheet HTML 8Page - Numonyx B.V M25P16-VME6 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
December 2007
Rev 13
1/55
1
M25P16
16 Mbit, serial Flash memory, 75 MHz SPI bus interface
Features
16 Mbit of Flash memory
Page Program (up to 256 bytes) in 0.64 ms
(typical)
Sector Erase (512 Kbit) in 0.6 s (typical)
Bulk Erase (16 Mbit) in 13 s (typical)
2.7 V to 3.6 V single supply voltage
SPI bus compatible serial interface
75 MHz Clock rate (maximum)
Deep Power-down mode 1 µA (typical)
Electronic signatures
– JEDEC standard two-byte signature
(2015h)
– Unique ID code (UID) with 16 bytes read-
only, available upon customer request
– RES instruction, one-byte, signature (14h),
for backward compatibility
More than 100,000 Erase/Program cycles per
sector
Hardware Write Protection: protected area size
defined by three non-volatile bits (BP0, BP1
and BP2)
More than 20 year data retention
Packages
– ECOPACK® (RoHS compliant)
VDFPN8 (ME)
8 x 6 mm (MLP8)
SO16 (MF)
300 mils width
VFQFPN8 (MP)
6 × 5 mm (MLP8)
SO8N (MN)
150 mils width
SO8W (MW)
208 mils width
www.numonyx.com


Similar Part No. - M25P16-VME6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16-VME6G STMICROELECTRONICS-M25P16-VME6G Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
M25P16-VME6G STMICROELECTRONICS-M25P16-VME6G Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P16-VME6P STMICROELECTRONICS-M25P16-VME6P Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
M25P16-VME6P STMICROELECTRONICS-M25P16-VME6P Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P16-VME6TG STMICROELECTRONICS-M25P16-VME6TG Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
More results

Similar Description - M25P16-VME6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
   64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
   16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Micron Technology
M25PX16SOVZM6TP MICRON-M25PX16SOVZM6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
logo
Numonyx B.V
M25PX16-VMN6TP NUMONYX-M25PX16-VMN6TP Datasheet
1Mb / 65P
   16-Mbit, dual I/O, 4-Kbyte subsector erase, serial Flash memory with 75 MHz SPI bus interface
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com