Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW641F70N1T Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29DW641F70N1T
Description  64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW641F70N1T Datasheet(HTML) 1 Page - Numonyx B.V

  M29DW641F70N1T Datasheet HTML 1Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 2Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 3Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 4Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 5Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 6Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 7Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 8Page - Numonyx B.V M29DW641F70N1T Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
December 2007
Rev 5
1/80
1
M29DW641F
64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block)
3V Supply Flash Memory
Features
Supply voltage
–VCC = 2.7V to 3.6V for Program, Erase and
Read
–VPP/WP=12V for Fast Program (optional)
Asynchronous Page Read mode
– Page Width 8 Words
– Page Access 25, 30ns
– Random Access: 60, 70ns
Programming Time
– 10µs per Word typical
– 4 Words at-a-time Program
Memory blocks
– Quadruple Bank Memory Array:
8Mbit+24Mbit+24Mbit+8Mbit
– Parameter Blocks (at Top and Bottom)
Dual Operations
– While Program or Erase in a group of
banks (from 1 to 3), Read in any of the
other banks
Program/Erase Suspend and Resume modes
– Read from any Block during Program
Suspend
– Read and Program another Block during
Erase Suspend
Unlock Bypass Program command
– Faster Production/Batch Programming
Common Flash Interface
– 64 bit Security Code
100,000 Program/Erase cycles per block
Low power consumption
– Standby and Automatic Standby
Extended Memory Block
– Extra block used as security block or to
store additional information
Hardware Block Protection
–VPP/WP Pin for fast program and write
protect of the four outermost parameter
blocks
Software Block Protection
– Standard Protection
– Password Protection
Electronic Signature
– Manufacturer code: 0020h
– Device code: 227Eh + 2203h + 2200h
ECOPACK
® packages
FBGA
TSOP48 (N)
12 x 20mm
TFBGA48 (ZE)
6 x 8mm
www.numonyx.com


Similar Part No. - M29DW641F70N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1 STMICROELECTRONICS-M29DW640D70N1 Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M29DW640D70N1E STMICROELECTRONICS-M29DW640D70N1E Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
More results

Similar Description - M29DW641F70N1T

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640CT STMICROELECTRONICS-M28W640CT Datasheet
393Kb / 54P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com