Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W320DT70N1E Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29W320DT70N1E
Description  32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320DT70N1E Datasheet(HTML) 1 Page - Numonyx B.V

  M29W320DT70N1E Datasheet HTML 1Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 2Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 3Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 4Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 5Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 6Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 7Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 8Page - Numonyx B.V M29W320DT70N1E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
March 2008
Rev 10
1/56
1
M29W320DT
M29W320DB
32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks,
Boot Block), 3V Supply Flash memory
Feature summary
Supply Voltage
–VCC = 2.7V to 3.6V for Program, Erase and
Read
–VPP =12V for Fast Program (optional)
Access time: 70, 90ns
Programming time
– 10µs per Byte/Word typical
67 memory blocks
– 1 Boot Block (Top or Bottom Location)
– 2 Parameter and 64 Main Blocks
Program/Erase controller
– Embedded Byte/Word Program algorithms
Erase Suspend and Resume modes
– Read and Program another Block during
Erase Suspend
Unlock Bypass Program command
– Faster Production/Batch Programming
VPP/WP pin for Fast Program and Write Protect
Temporary Block Unprotection mode
Common Flash Interface
– 64 bit Security code
Low power consumption
– Standby and Automatic Standby
100,000 Program/Erase cycles per block
Electronic Signature
– Manufacturer Code: 0020h
– Top Device Code M29W320DT: 22CAh
– Bottom Device Code M29W320DB: 22CBh
ECOPACK® packages available
FBGA
TSOP48 (N)
12 x 20mm
TFBGA48 (ZE)
www.numonyx.com


Similar Part No. - M29W320DT70N1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DT70N1E STMICROELECTRONICS-M29W320DT70N1E Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W320DT70N1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
logo
Sharp Corporation
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
   32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
   32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com