Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W128FH70N6F Datasheet(PDF) 7 Page - Numonyx B.V

Part # M29W128FH70N6F
Description  128 Mbit (8Mb x 16 or 16Mb x 8, Page, Uniform Block) 3V Supply Flash Memory
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W128FH70N6F Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M29W128FH70N6F Datasheet HTML 3Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 4Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 5Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 6Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 7Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 8Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 9Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 10Page - Numonyx B.V M29W128FH70N6F Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
M29W128FH, M29W128FL
Summary description
7/78
1
Summary description
The M29W128FH and M29W128FL are 128 Mbit (16Mb x8 or 8Mb x16) non-volatile
memories that can be read, erased and reprogrammed. These operations can be performed
using a single low voltage (2.7 to 3.6V) supply. At Power-up the memories default to Read
mode. The M29W128FH and M29W128FL are divided into 256 thirty-two KWord (sixty-four
KByte) uniform blocks.
Program and Erase commands are written to the Command Interface of the memory. An on-
chip Program/Erase Controller simplifies the process of programming or erasing the
memory by taking care of all of the special operations that are required to update the
memory contents. The end of a program or erase operation can be detected and any error
conditions identified. The command set required to control the memory is consistent with
JEDEC standards.
The Chip Enable, Output Enable and Write Enable signals control the bus operations of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The devices support Asynchronous Random Read and Page Read from all blocks of the
memory array.
The M29W128FH and M29W128FL have an extra 128 Word (256 Byte) Extended Memory
Block that can be accessed using a dedicated command. The Extended Memory Block can
be protected and so is useful for storing security information. However the protection is
irreversible, once protected the protection cannot be undone.
Each block can be erased independently, so it is possible to preserve valid data while old
data is erased.
The devices feature two different levels of hardware block protection to avoid unwanted
program or erase (modify):
The VPP/WP pin protects the highest block on the M29W128FH and the lowest block
on the M29W128FL.
The RP pin temporarily unprotects all the blocks previously protected using a High
Voltage Block Protection technique (see
Appendix D: High Voltage Block Protection).
The memories are offered in TSOP56 (14 x 20mm) and TBGA64 (10 x 13mm, 1mm pitch)
packages.
In order to meet environmental requirements, Numonyx offers the M29W128FH and the
M29W128FL in ECOPACK® packages. ECOPACK packages are Lead-free. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
The memories are supplied with all the bits erased (set to ’1’).
The M29W128FH and the M29W128FL will be referred to as M29W128F throughout the
document.
Table 1.
Signal names
A0-A22
Address Inputs


Similar Part No. - M29W128FH70N6F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
logo
Micron Technology
M29W128GH MICRON-M29W128GH Datasheet
841Kb / 76P
   Parallel NOR Flash Embedded Memory
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29W128GH60N6E NUMONYX-M29W128GH60N6E Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M29W128GH60N6F NUMONYX-M29W128GH60N6F Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
More results

Similar Description - M29W128FH70N6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
logo
STMicroelectronics
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
logo
Numonyx B.V
M29DW128F NUMONYX-M29DW128F Datasheet
1Mb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
logo
STMicroelectronics
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
   128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com