Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW324DB70N6T Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29DW324DB70N6T
Description  32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW324DB70N6T Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29DW324DB70N6T Datasheet HTML 7Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 8Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 9Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 10Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 11Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 12Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 13Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 14Page - Numonyx B.V M29DW324DB70N6T Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11/50
M29DW324DT, M29DW324DB
operation. During Program or Erase operations
Ready/Busy is Low, VOL. Ready/Busy is high-im-
pedance during Read mode, Auto Select mode
and Erase Suspend mode.
After a Hardware Reset, Bus Read and Bus Write
operations cannot begin until Ready/Busy be-
comes high-impedance. See Table 19., Reset/
Block Temporary Unprotect AC Characteristics
and Figure 16., Reset/Block Temporary Unprotect
AC Waveforms.
The use of an open-drain output allows the Ready/
Busy pins from several memories to be connected
to a single pull-up resistor. A Low will then indicate
that one, or more, of the memories is busy.
Byte/Word Organization Select (BYTE). The
Byte/Word Organization Select pin is used to
switch between the x8 and x16 Bus modes of the
memory. When Byte/Word Organization Select is
Low, VIL, the memory is in x8 mode, when it is
High, VIH, the memory is in x16 mode.
VCC Supply Voltage (2.7V to 3.6V). VCC
pro-
vides the power supply for all operations (Read,
Program and Erase).
The Command Interface is disabled when the VCC
Supply Voltage is less than the Lockout Voltage,
VLKO. This prevents Bus Write operations from ac-
cidentally damaging the data during power up,
power down and power surges. If the Program/
Erase Controller is programming or erasing during
this time then the operation aborts and the memo-
ry contents being altered will be invalid.
A 0.1µF capacitor should be connected between
the VCC Supply Voltage pin and the VSS Ground
pin to decouple the current surges from the power
supply. The PCB track widths must be sufficient to
carry the currents required during Program and
Erase operations, ICC3.
VSS Ground. VSS is the reference for all voltage
measurements. The device features two VSS pins
which must be both connected to the system
ground.


Similar Part No. - M29DW324DB70N6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DB70N6T STMICROELECTRONICS-M29DW324DB70N6T Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29DW324DB70N6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com