Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W800FB-KGD Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29W800FB-KGD
Description  Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W800FB-KGD Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29W800FB-KGD Datasheet HTML 7Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 8Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 9Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 10Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 11Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 12Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 13Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 14Page - Numonyx B.V M29W800FB-KGD Datasheet HTML 15Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
M29W800FB-KGD
Product test flow
11/15
4
Product test flow
Numonyx implements quality assurance procedures throughout the product test flow. In
addition, an off-line quality monitoring program is implemented to ensure that Numonyx’s
KGD devices have the same level of reliability as the standard packaged devices.
Figure 3 gives an overview of Numonyx’s known good die test flow.
The burn-in step performs an electrical stress on the devices by executing write/erase
cycles at 125 °C. This ensures that all the devices that fail early are removed from the
population before proceeding to the following steps.
The electrical wafer sort 1 (EWS1) step applies the same test procedure for both packaged
and KGD devices. After EWS1, only wafers with a minimum yield are accepted for the
following steps (minimum yield rule).
The KGD1 test emulates the final test of packaged devices and is validated after correlating
the results with standard test flow for packaged devices, to ensure the same reliability level
for both test flows. The same test can be reproduced at a lower temperature (KGD2).
Figure 3.
Known good die test flow
1.
EWS = electrical wafer sort.
AI11002
EWS1 @ 85 ˚C
Bake 24 hrs @ 250 ˚C
Laser repair
KGD1 @ 85 ˚C
Packaging and
shipment
DC parameters
Funtionality
Programmability
Erasability
Data retention
Fuse options setting
Laser check for redundancy
DC parameters
Funtionality
Programmability
Erasability
AC parameters
Visual inspection and QA acceptance
KGD2 @ lower
temperature
Early failures scrap
Burn-in on wafer


Similar Part No. - M29W800FB-KGD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W800AB STMICROELECTRONICS-M29W800AB Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800AB STMICROELECTRONICS-M29W800AB Datasheet
717Kb / 40P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W800AB100M1T STMICROELECTRONICS-M29W800AB100M1T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
M29W800AB100M1T STMICROELECTRONICS-M29W800AB100M1T Datasheet
717Kb / 40P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
M29W800AB100M5T STMICROELECTRONICS-M29W800AB100M5T Datasheet
234Kb / 33P
   8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W800FB-KGD

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F001BX-T INTEL-28F001BX-T Datasheet
436Kb / 33P
   1-MBIT (128K x 8) BOOT BLOCK FLASH MEMORY
logo
STMicroelectronics
M28R400CT-KGD STMICROELECTRONICS-M28R400CT-KGD Datasheet
461Kb / 11P
   Known Good Die 4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com