Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD38F2010W0YTQ0 Datasheet(PDF) 7 Page - Numonyx B.V

Part # RD38F2010W0YTQ0
Description  Wireless Flash Memory (W18/W30 SCSP)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

RD38F2010W0YTQ0 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button RD38F2010W0YTQ0 Datasheet HTML 3Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 4Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 5Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 6Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 7Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 8Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 9Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 10Page - Numonyx B.V RD38F2010W0YTQ0 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
November 2007
Datasheet
Order Number: 251407-13
7
32WQ and 64WQ Family with Asynchronous RAM
RFU
Reserved for Future Use
SCSP
Stacked Chip Scale Package
SR
Status Register
SRD
Status Register Data
Word
16 bits
WSM
Write State Machine
1.2
Conventions
Group Membership Brackets: Square brackets are used to designate group membership
or to define a group of signals with a similar function, such as A[21:1] and SR[4,1].
VCC vs. VCC: When referring to a signal or package-connection name, the notation
used is VCC, etc. When referring to a timing or electrical level, the notation used is
subscripted such as VCC, etc.
Device: This term is used interchangeably throughout this document to denote either a
particular die, or the combination of multiple die within a single package.
F[3:1]-CE#, F[2:1]-OE#: This is the method used to refer to more than one chip-
enable or output enable at the same time. When each is referred to individually, the
reference will be F1-CE# and F1-OE# (for die #1), and F2-CE# and F2-OE# (for die
#2).
F-VCC, P-VCC or S-VCC: When referencing flash memory signals or timings, the
notation used is F-VCC or F-VCC, respectively. When the reference is to PSRAM signals
or timings, the notation is prefixed with “P-” (e.g., P-VCC, P-VCC). When referencing
SRAM signals or timings, the notation is prefixed with “S-” (e.g., S-VCC or S-VCC). P-
VCC and S-VCC are RFU for stacked combinations that do not include PSRAM or SRAM.
R-OE#, R-LB#, R-UB#, R-WE#: These are used to identify RAM OE#, LB#, UB#,
WE# signals, and are usually shared between 2 or more RAM die. R-OE#, R-LB#, R-
UB# and R-WE are RFU for stacked combinations that do not include PSRAM or SRAM.


Similar Part No. - RD38F2010W0YTQ0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RD38F1010C0ZBL0 INTEL-RD38F1010C0ZBL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1010C0ZTL0 INTEL-RD38F1010C0ZTL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1020C0ZBL0 INTEL-RD38F1020C0ZBL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
RD38F1020C0ZTL0 INTEL-RD38F1020C0ZTL0 Datasheet
1Mb / 70P
   3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
logo
Numonyx B.V
RD38F5070M0P0B NUMONYX-RD38F5070M0P0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results

Similar Description - RD38F2010W0YTQ0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W30)
313272-06 NUMONYX-313272-06 Datasheet
1Mb / 90P
   Numonyx Wireless Flash Memory (W18) with AD Multiplexed IO
logo
Intel Corporation
28F640W30 INTEL-28F640W30 Datasheet
749Kb / 82P
   1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30)
28F128W18 INTEL-28F128W18 Datasheet
1Mb / 100P
   Intel짰 Wireless Flash Memory
logo
Rohm
BP3599 ROHM-BP3599 Datasheet
3Mb / 1P
   Wireless LAN Module with Flash Memory
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
28F128L18 NUMONYX-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com