Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W320ET90N6E Datasheet(PDF) 7 Page - Numonyx B.V

Part # M29W320ET90N6E
Description  32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320ET90N6E Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M29W320ET90N6E Datasheet HTML 3Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 4Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 5Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 6Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 7Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 8Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 9Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 10Page - Numonyx B.V M29W320ET90N6E Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
M29W320ET, M29W320EB
Description
7/63
1
Description
The M29W320E is a 32 Mbit (4Mb x8 or 2Mb x16) non-volatile memory that can be read,
erased and reprogrammed. These operations can be performed using a single low voltage
(2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode.
The device features an asymmetrical block architecture. The M29W320E has an array of 8
parameter and 63 main blocks. M29W320ET locates the Parameter Blocks at the top of the
memory address space while the M29W320EB locates the Parameter Blocks starting from
the bottom.
M29W320E has an extra 32 Kword (x16 mode) or 64 Kbyte (x8 mode) block, the Extended
Block, that can be accessed using a dedicated command. The Extended Block can be
protected and so is useful for storing security information. However the protection is
irreversible, once protected the protection cannot be undone.
Each block can be erased independently so it is possible to preserve valid data while old
data is erased. The blocks can be protected to prevent accidental Program or Erase
commands from modifying the memory. Program and Erase commands are written to the
Command interface of the memory. An on-chip Program/Erase Controller simplifies the
process of programming or erasing the memory by taking care of all of the special
operations that are required to update the memory contents. The end of a program or erase
operation can be detected and any error conditions identified. The command set required to
control the memory is consistent with JEDEC standards.
Chip Enable, Output Enable and Write Enable signals control the bus operation of the
memory. They allow simple connection to most microprocessors, often without additional
logic.
The memory is offered in TSOP48 (12x20mm), and TFBGA48 (6x8mm, 0.8mm pitch)
packages. In order to meet environmental requirements, Numonyx offers the M29W320E in
ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level
Interconnect is marked on the package and on the inner box label, in compliance with
JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label.
The memory is supplied with all the bits erased (set to ’1’).


Similar Part No. - M29W320ET90N6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320ET90N6E STMICROELECTRONICS-M29W320ET90N6E Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29W320ET90N6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320DT NUMONYX-M29W320DT Datasheet
1Mb / 56P
   32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
logo
Sharp Corporation
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
   32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
   32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com