Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW324DB90ZE6T Datasheet(PDF) 5 Page - Numonyx B.V

Part # M29DW324DB90ZE6T
Description  32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29DW324DB90ZE6T Datasheet(HTML) 5 Page - Numonyx B.V

  M29DW324DB90ZE6T Datasheet HTML 1Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 2Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 3Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 4Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 5Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 6Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 7Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 8Page - Numonyx B.V M29DW324DB90ZE6T Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5/50
M29DW324DT, M29DW324DB
SUMMARY DESCRIPTION
The M29DW324D is a 32 Mbit (4Mb x8 or 2Mb
x16) non-volatile memory that can be read, erased
and reprogrammed. These operations can be per-
formed using a single low voltage (2.7 to 3.6V)
supply. On power-up the memory defaults to its
Read mode.
The device features an asymmetrical block archi-
tecture. The M29DW324D has an array of 8 pa-
rameter and 63 main blocks and is divided into two
Banks, A and B, providing Dual Bank operations.
While programming or erasing in Bank A, read op-
erations are possible in Bank B and vice versa.
Only one bank at a time is allowed to be in pro-
gram or erase mode. The bank architecture is
summarized in Table 2. M29DW324DT locates the
Parameter Blocks at the top of the memory ad-
dress space while the M29DW324DB locates the
Parameter Blocks starting from the bottom.
M29DW324D has an extra 32 KWord (x16 mode)
or 64 KByte (x8 mode) block, the Extended Block,
that can be accessed using a dedicated com-
mand. The Extended Block can be protected and
so is useful for storing security information. How-
ever the protection is irreversible, once protected
the protection cannot be undone.
Each block can be erased independently so it is
possible to preserve valid data while old data is
erased. The blocks can be protected to prevent
accidental Program or Erase commands from
modifying the memory. Program and Erase com-
mands are written to the Command Interface of
the memory. An on-chip Program/Erase Controller
simplifies the process of programming or erasing
the memory by taking care of all of the special op-
erations that are required to update the memory
contents. The end of a program or erase operation
can be detected and any error conditions identi-
fied. The command set required to control the
memory is consistent with JEDEC standards.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in TSOP48 (12x20mm) and
TFBGA48 (6x8mm, 0.8mm pitch) packages. The
memory is supplied with all the bits erased (set to
’1’).
Figure 2. Logic Diagram
Table 1. Signal Names
AI06867B
21
A0-A20
W
DQ0-DQ14
VCC
M29DW324DT
M29DW324DB
E
VSS
15
G
RP
DQ15A–1
RB
VPP/WP
BYTE
A0-A20
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
DQ8-DQ14
Data Inputs/Outputs
DQ15A–1
Data Input/Output or Address Input
E
Chip Enable
G
Output Enable
W
Write Enable
RP
Reset/Block Temporary Unprotect
RB
Ready/Busy Output
BYTE
Byte/Word Organization Select
VCC
Supply Voltage
VPP/WP
VPP/Write Protect
VSS
Ground
NC
Not Connected Internally


Similar Part No. - M29DW324DB90ZE6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DB90ZE6T STMICROELECTRONICS-M29DW324DB90ZE6T Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29DW324DB90ZE6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW323DT STMICROELECTRONICS-M29DW323DT Datasheet
818Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com