Electronic Components Datasheet Search |
|
M29DW324DT90ZE6 Datasheet(PDF) 5 Page - Numonyx B.V |
|
M29DW324DT90ZE6 Datasheet(HTML) 5 Page - Numonyx B.V |
5 / 50 page 5/50 M29DW324DT, M29DW324DB SUMMARY DESCRIPTION The M29DW324D is a 32 Mbit (4Mb x8 or 2Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be per- formed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode. The device features an asymmetrical block archi- tecture. The M29DW324D has an array of 8 pa- rameter and 63 main blocks and is divided into two Banks, A and B, providing Dual Bank operations. While programming or erasing in Bank A, read op- erations are possible in Bank B and vice versa. Only one bank at a time is allowed to be in pro- gram or erase mode. The bank architecture is summarized in Table 2. M29DW324DT locates the Parameter Blocks at the top of the memory ad- dress space while the M29DW324DB locates the Parameter Blocks starting from the bottom. M29DW324D has an extra 32 KWord (x16 mode) or 64 KByte (x8 mode) block, the Extended Block, that can be accessed using a dedicated com- mand. The Extended Block can be protected and so is useful for storing security information. How- ever the protection is irreversible, once protected the protection cannot be undone. Each block can be erased independently so it is possible to preserve valid data while old data is erased. The blocks can be protected to prevent accidental Program or Erase commands from modifying the memory. Program and Erase com- mands are written to the Command Interface of the memory. An on-chip Program/Erase Controller simplifies the process of programming or erasing the memory by taking care of all of the special op- erations that are required to update the memory contents. The end of a program or erase operation can be detected and any error conditions identi- fied. The command set required to control the memory is consistent with JEDEC standards. Chip Enable, Output Enable and Write Enable sig- nals control the bus operation of the memory. They allow simple connection to most micropro- cessors, often without additional logic. The memory is offered in TSOP48 (12x20mm) and TFBGA48 (6x8mm, 0.8mm pitch) packages. The memory is supplied with all the bits erased (set to ’1’). Figure 2. Logic Diagram Table 1. Signal Names AI06867B 21 A0-A20 W DQ0-DQ14 VCC M29DW324DT M29DW324DB E VSS 15 G RP DQ15A–1 RB VPP/WP BYTE A0-A20 Address Inputs DQ0-DQ7 Data Inputs/Outputs DQ8-DQ14 Data Inputs/Outputs DQ15A–1 Data Input/Output or Address Input E Chip Enable G Output Enable W Write Enable RP Reset/Block Temporary Unprotect RB Ready/Busy Output BYTE Byte/Word Organization Select VCC Supply Voltage VPP/WP VPP/Write Protect VSS Ground NC Not Connected Internally |
Similar Part No. - M29DW324DT90ZE6 |
|
Similar Description - M29DW324DT90ZE6 |