Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640GL90NB6E Datasheet(PDF) 1 Page - Numonyx B.V

Part # M29W640GL90NB6E
Description  64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640GL90NB6E Datasheet(HTML) 1 Page - Numonyx B.V

  M29W640GL90NB6E Datasheet HTML 1Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 2Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 3Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 4Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 5Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 6Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 7Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 8Page - Numonyx B.V M29W640GL90NB6E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
March 2008
Rev 5
1/90
1
M29W640GH M29W640GL
M29W640GT M29W640GB
64 Mbit (8Mb x8 or 4Mb x16, Page)
3V supply Flash memory
Feature
Supply Voltage
–VCC = 2.7 to 3.6 V for Program/Erase/Read
–VPP =12 V for Fast Program (optional)
Asynchronous Random/Page Read
– Page Width: 4 words
– Page Access: 25 ns
– Random Access: 60 ns, 70 ns, 90 ns
Fast Program commands
– 2 word/4 byte Program (without VPP=12 V)
– 4 word/8 byte Program (with VPP=12 V)
– 16 word/32 byte Write Buffer
Programming time
– 10 µs per byte/word typical
– Chip Program time: 10 s (4-word Program)
Memory organization
– M29W640GH/L:
128 main blocks, 64 Kbytes each
– M29W640GT/B
Eight 8 Kbytes Boot blocks (top or bottom)
127 Main blocks, 64 Kbytes each
Program/Erase controller
– Embedded byte/word program algorithms
Program/Erase Suspend and Resume
– Read from any block during Program
Suspend
– Read and Program another block during
Erase Suspend
ECOPACK® packages
128 word Extended Memory block
– Extra block used as security block or to
store additional information
Low power consumption:Standby and
Automatic Standby
Unlock Bypass Program command
– Faster Production/Batch Programming
Common Flash Interface: 64-bit Security Code
VPP/WP pin for Fast Program and Write Protect
Temporary Block Unprotection mode
100,000 Program/Erase cycles per block
Electronic Signature
– Manufacturer Code: 0020h
– Device code (see Table 1)
FBGA
TSOP56 (NB)
14 x 20mm(1
)
TBGA64 (ZF)
10 x 13mm(1)
TSOP48 (NA)
12 x 20mm
TFBGA48 (ZA)
6 x 8mm
FBGA
1. Packages only available upon request.
Table 1.
Device summary
Root Part Number
Device code
M29W640GH: Uniform, last block protected by VPP/WP
227Eh + 220Ch + 2201h
M29W640GL: Uniform, first block protected by VPP/WP
227Eh + 220Ch + 2200h
M29W640GT: Top Boot Blocks
227Eh + 2210h + 2201h
M29W640GB: Bottom Boot Blocks
227Eh + 2210h + 2200h
www.numonyx.com


Similar Part No. - M29W640GL90NB6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W640GL90NB6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com