Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1219ECQ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1219ECQ
Description  1.8V, Dual, 12-Bit, 210Msps ADC for Broadband Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1219ECQ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1219ECQ Datasheet HTML 1Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 2Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 3Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 4Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 5Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 6Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 7Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 8Page - Maxim Integrated Products MAX1219ECQ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1.8V, Dual, 12-Bit, 210Msps ADC for
Broadband Applications
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(AVCC = OVCC = +1.8V, AGND = OGND = 0, fSAMPLE = 210MHz, differential input and differential sine-wave clock signal, 0.1µF
capacitors on REFA and REFB, internal reference, digital output differential RL = 100
Ω, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHANNEL CROSSTALK AND CHANNEL MATCHING SPECIFICATIONS
Channel Isolation
fIN = 200MHz, AIN = -1dBFS
90
dB
LVCMOS LOGIC INPUTS (CLKDIV,
T/BA, T/BB)
Input High Voltage
VIH
0.8 x
OVCC
V
Input Low Voltage
VIL
0.2 x
OVCC
V
Input Capacitance
2pF
LVDS DIGITAL OUTPUTS (DA0P/N–DA11P/N, DB0P/N–DB11P/N, ORAP/N, ORBP/N, DCOP/N)
Differential Output Voltage
|VOD|
225
490
mV
Output Offset Voltage
VOS
1.125
1.310
V
OUTPUT TIMING CHARACTERISTICS
CLK to Data Propagation Delay
tPDL
Figure 5 (Note 3)
1.7
ns
CLK to DCO Propagation Delay
tCPDL
Figure 5 (Note 3)
3.7
ns
DCO to Data Propagation Delay
tPDL - tCPDL (Note 3)
2.3
2.7
3.1
ns
LVDS Output Rise Time
tRL
20% to 80%, CL = 5pF
350
ns
LVDS Output Fall Time
tFL
20% to 80%, CL = 5pF
350
ns
Output Data Pipeline Delay
tLATENCY
Figure 5
11
Clock
Cycles
POWER REQUIREMENTS
Analog Supply Voltage Range
AVCC
1.71
1.8
1.89
V
Output Supply Voltage Range
OVCC
1.71
1.8
1.89
V
Analog Supply Current
IAVCC
fIN = 10MHz
760
900
mA
Output Supply Current
IOVCC
fIN = 10MHz
120
160
mA
Analog Power Dissipation
PDISS
fIN = 10MHz
1.6
1.908
W
Power-Supply Rejection Ratio
PSRR
TA = +25°C (Note 5)
5
mV/V
Note 1: Values at TA = +25°C to +85°C are guaranteed by production test. Values at TA < +25°C are guaranteed by design and
characterization.
Note 2: Static linearity and offset parameters are computed from a best-fit straight line through the code transition points.
The full-scale range (FSR) is defined as 4095 x slope of the line.
Note 3: Parameter guaranteed by design and characterization; TA = -40°C to +85°C.
Note 4: ENOB and SINAD are computed from a curve fit.
Note 5: PSRR is measured with the analog and output supplies connected to the same potential.


Similar Part No. - MAX1219ECQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1219EVKIT MAXIM-MAX1219EVKIT Datasheet
982Kb / 21P
   On-Board LVDS/LVPECL Differential Level Translators
Rev 0; 3/06
More results

Similar Description - MAX1219ECQ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1214 MAXIM-MAX1214 Datasheet
322Kb / 20P
   1.8V, 12-Bit, 210Msps ADC for Broadband Applications
2006
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1217 MAXIM-MAX1217 Datasheet
336Kb / 22P
   1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications
2005
MAX1218 MAXIM-MAX1218 Datasheet
577Kb / 21P
   1.8V, Dual, 12-Bit, 170Msps ADC for Broadband Applications
2005
MAX1213 MAXIM-MAX1213 Datasheet
427Kb / 20P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 2; 6/05
MAX1213 MAXIM-MAX1213_09 Datasheet
526Kb / 19P
   1.8V, 12-Bit, 170Msps ADC for Broadband Applications
Rev 4; 9/09
MAX1215 MAXIM-MAX1215 Datasheet
332Kb / 20P
   1.8V, 12-Bit, 250Msps ADC for Broadband Applications
2006
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Linear Technology
LTC2241-12 LINER-LTC2241-12 Datasheet
602Kb / 28P
   12-Bit, 210Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com