Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W320FBT70ZA3E Datasheet(PDF) 9 Page - Numonyx B.V

Part # M29W320FBT70ZA3E
Description  16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320FBT70ZA3E Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M29W320FBT70ZA3E Datasheet HTML 5Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 6Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 7Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 8Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 9Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 10Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 11Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 12Page - Numonyx B.V M29W320FBT70ZA3E Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
M29W160FT, M29W160FB, M29W320FT, M29W320FB
Description
9/57
Figure 3.
TFBGA connections (top view through package)
1.
The above figure gives the TFBGA connections for the M29W320FT/B. On the M29W160FT/B, the
VPP/WP pin is NC (not connected).
2.
The above figure gives the TFBGA connections for the M29W320FT/B. On the M29W160FT/B, A20 is NC
(not connected).
AI02985c
6
5
4
3
2
1
VSS
DQ15
A–1
A15
A14
A12
A13
DQ3
DQ11
DQ10
A18
VPP/
WP(1)
RB
DQ1
DQ9
DQ8
DQ0
A6
A17
A7
G
E
A0
A4
A3
DQ2
DQ6
DQ13
DQ14
A10
A8
A9
DQ4
VCC
DQ12
DQ5
A19
NC
RP
W
A11
DQ7
A1
A2
VSS
A5
A20(2)
A16
BYTE
G
F
E
B
A
D
C
H


Similar Part No. - M29W320FBT70ZA3E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DB STMICROELECTRONICS-M29W320DB Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W320DB NUMONYX-M29W320DB Datasheet
1Mb / 56P
   32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
logo
STMicroelectronics
M29W320DB70N1 STMICROELECTRONICS-M29W320DB70N1 Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29W320DB70N1 NUMONYX-M29W320DB70N1 Datasheet
1Mb / 56P
   32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
logo
STMicroelectronics
M29W320DB70N1E STMICROELECTRONICS-M29W320DB70N1E Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W320FBT70ZA3E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
Numonyx B.V
M29W128GH NUMONYX-M29W128GH Datasheet
1Mb / 94P
   128 Mbit (16 Mb x 8 or 8 Mb x 16, page, uniform block) 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
M29W128GH70N3E NUMONYX-M29W128GH70N3E Datasheet
1Mb / 94P
   128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
M29DW127G70NF6E NUMONYX-M29DW127G70NF6E Datasheet
1Mb / 95P
   128-Mbit (8 Mbit x16 or 16 Mbit x8 , multiple bank, page, dual boot) 3 V supply flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com