Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W640GT70ZA6E Datasheet(PDF) 9 Page - Numonyx B.V

Part # M29W640GT70ZA6E
Description  64 Mbit (8Mb x8 or 4Mb x16, Page) 3V supply Flash memory
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W640GT70ZA6E Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M29W640GT70ZA6E Datasheet HTML 5Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 6Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 7Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 8Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 9Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 10Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 11Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 12Page - Numonyx B.V M29W640GT70ZA6E Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
M29W640GH, M29W640GL, M29W640GT, M29W640GB
Description
9/90
Table 2.
Signal names(1)
Name
Description
Direction
A0-A21
Address Inputs
Inputs
DQ0-DQ7
Data Inputs/Outputs
Inputs/Outputs
DQ8-DQ14
Data Inputs/Outputs
Inputs/Outputs
DQ15A–1 (or DQ15)
Data Input/Output or Address Input (or Data Input/Output)
Inputs/Outputs
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset/Block Temporary Unprotect
Input
RB
Ready/Busy
Output
BYTE
Byte/Word Organization Select
Input
VCC
Supply Voltage
Supply voltage
VPP/WP
Supply Voltage for Fast Program (optional) or Write Protect
Supply voltage
VSS
Ground
-
NC
Not Connected Internally
-
1.
VPP/WP may be left floating since it is internally connected to an pull-up resistor to enable Program/Erase operations,
Table 3.
Protection granularity on the M29W640GH and M29W640GL
Block
Kbytes/Kwords
Protection Block Group
(x8)
(x16)
0 to 3
4 x 64/32
Block level
000000h–03FFFFh(1)
000000h–01FFFFh(1)
4 to 7
4 x 64/32
Protection Group
040000h–07FFFFh
020000h–03FFFFh
--
--
--
--
--
120 to 123
4 x 64/32
Protection Group
780000h–7BFFFFh
3C0000h–3DFFFFh
124 to 127
4x 64/32
Block level
7C0000h–7FFFFFh
3E0000h–3FFFFFh
1.
Used as the Extended Block Addresses in Extended Block mode.
Table 4.
Protection granularity on the M29W640GT
Block
Kbytes/Kwords
Protection Block Group
(x8)
(x16)
0 to 3
4 x 64/32
Protection Group
000000h–03FFFFh(1)
000000h–01FFFFh(1)
4 to 7
4 x 64/32
Protection Group
040000h–07FFFFh
020000h–03FFFFh
--
--
--
--
--
120 to 123
4 x 64/32
Protection Group
780000h–7BFFFFh
3C0000h–3DFFFFh
124 to 126
3 x 64/32
Protection Group
7C0000h–7EFFFFh
3E0000h–3F7FFFh
127 to 134
8x 8/4(2)
Block level
7F0000h–7FFFFFh
3F8000h–3FFFFFh
1.
Used as the Extended Block Addresses in Extended Block mode.
2.
Boot blocks.


Similar Part No. - M29W640GT70ZA6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640D STMICROELECTRONICS-M29W640D Datasheet
1Mb / 15P
   FLASH NOR HIGH DENSITY & CONSUMER
M29W640DB STMICROELECTRONICS-M29W640DB Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1E STMICROELECTRONICS-M29W640DB70N1E Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1F STMICROELECTRONICS-M29W640DB70N1F Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
M29W640DB70N1T STMICROELECTRONICS-M29W640DB70N1T Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W640GT70ZA6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W640FT STMICROELECTRONICS-M29W640FT Datasheet
478Kb / 72P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M29W640FT NUMONYX-M29W640FT Datasheet
1Mb / 71P
   64 Mbit (8Mb x8 or 4Mb x16, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W640DT STMICROELECTRONICS-M29W640DT Datasheet
945Kb / 49P
   64 Mbit 8Mb x8 or 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW640F NUMONYX-M29DW640F Datasheet
1Mb / 74P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29DW640D STMICROELECTRONICS-M29DW640D Datasheet
945Kb / 55P
   64 Mbit (8Mb x8 or 4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
M29DW128F STMICROELECTRONICS-M29DW128F_06 Datasheet
756Kb / 94P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
M29DW128F STMICROELECTRONICS-M29DW128F Datasheet
719Kb / 93P
   128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
August 2005 Rev 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com