Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1945REUI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1945REUI
Description  1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1945REUI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1945REUI Datasheet HTML 4Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 5Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 6Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 7Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 8Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 9Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 10Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 11Page - Maxim Integrated Products MAX1945REUI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1MHz, 1% Accurate, 6A Internal Switch
Step-Down Regulators
8
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = VCC = 5V, VOUT = 1.8V, IOUT = 6A, fSW = 500kHz, VDD = VCC, and TA = +25°C, unless otherwise noted.)
EFFICIENCY vs. OUTPUT CURRENT
VIN = VCC = 5V
IOUT (A)
6
5
3
4
2
1
10
20
30
40
50
60
70
80
90
100
0
07
A
B
C
D
E
A: VOUT = 0.8V
B: VOUT = 1.5V
C: VOUT = 1.8V
D: VOUT = 2.5V
E: VOUT = 3.3V
VIN = VCC = 5V
fSW = 500kHz
EFFICIENCY vs. OUTPUT CURRENT
VIN = VCC = 3.3V
IOUT (A)
6
5
3
4
2
1
10
20
30
40
50
60
70
80
90
100
0
07
A
B
C
D
A: VOUT = 0.8V
B: VOUT = 1.5V
C: VOUT = 1.8V
D: VOUT = 2.5V
VIN = VCC = 3.3V
fSW = 500kHz
EFFICIENCY vs. OUTPUT CURRENT
VIN = 2.5V, VCC = 5V
IOUT (A)
6
5
3
4
2
1
10
20
30
40
50
60
70
80
90
100
0
07
A
B
C
A: VOUT = 0.8V
B: VOUT = 1.5V
C: VOUT = 1.8V
VIN = 2.5V, VCC = 5V
fSW = 500kHz
REFERENCE VOLTAGE
vs. REFERENCE SOURCE CURRENT
IREF (
µA)
36
32
28
24
20
16
12
8
4
2.005
2.010
2.015
2.020
2.025
2.030
2.000
040
fSW = 500kHz
FREQUENCY vs. INPUT VOLTAGE (500kHz)
VIN (V)
5.0
4.5
3.0
3.5
4.0
480
490
500
510
520
530
540
550
470
2.5
5.5
+85
°C
+25
°C
-40
°C
FREQUENCY vs. INPUT VOLTAGE (1MHz)
VIN (V)
5.0
4.5
3.0
3.5
4.0
0.925
0.950
0.975
1.000
1.025
1.050
0.900
2.5
5.5
+85
°C
+25
°C
-40
°C
OUTPUT LOAD REGULATION
IOUT (A)
5
4
3
2
1
0.5
1.0
1.5
2.0
2.5
3.0
0
06
fSW = 500kHz
2.5V
1.8V
0.8V
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
VIN (V)
5.0
4.5
4.0
3.5
3.0
2
4
6
8
10
12
14
0
2.5
5.5
fSW = 500kHz
CURRENT LIMIT
vs. OUTPUT VOLTAGE
VOUT (V)
2.8
2.3
1.3
1.8
7
8
9
10
11
12
13
14
6
0.8
3.3
fSW = 500kHz


Similar Part No. - MAX1945REUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1945 MAXIM-MAX1945 Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
MAX1945EVKIT MAXIM-MAX1945EVKIT Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
More results

Similar Description - MAX1945REUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com