Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1945SEUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1945SEUI
Description  1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1945SEUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1945SEUI Datasheet HTML 5Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1945SEUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1MHz, 1% Accurate, 6A Internal Switch
Step-Down Regulators
_______________________________________________________________________________________
9
PGND-MEASURED TEMPERATURE
vs. OUTPUT CURRENT
OUTPUT CURRENT (A)
7.5
7.0
6.5
20
40
60
80
100
120
140
0
6.0
8.0
VCC = VIN = 5V
VOUT = 1.8V
AMBIENT TEMP:
+85
°C
AMBIENT TEMP:
0
°C
AMBIENT TEMP:
+25
°C
REFERENCE VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
110
85
60
35
10
-15
2.005
2.010
2.015
2.020
2.025
2.030
2.000
-40
135
VIN = VCC = 5V
fSW = 500kHz
OUTPUT SHORT-CIRCUIT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2
4
6
8
10
12
0
2.5
5.5
fSW = 500kHz
TRANSIENT RESPONSE
VIN = 5V
MAX1945 toc12
20
µs/div
VOUT
100mV/div
4.5A
IOUT
1A/div
1.5A
TRANSIENT RESPONSE
VIN = 3.3V
MAX1945 toc13
20
µs/div
VOUT
100mV/div
4.5A
IOUT
1A/div
1.5A
SWITCHING WAVEFORM
VIN = 5V
MAX1945 toc14
400ns/div
VLX
5V/div
ILX
2A/div
VOUT
100mV/div
STARTUP WAVEFORMS
MAX1945 toc15
VOUT
0.5V/div
IIN
2A/div
VCTL1, CTL2
1ms/div
SHUTDOWN WAVEFORMS
MAX1945 toc16
VOUT
0.5V/div
IIN,
2A/div
VCTL1, VCTL2
40
µs/div
6A RESISTIVE LOAD
VOLTAGE MARGINING (4%)
MAX1945 toc17
200
µs/div
VCTL1
2V/div
VOUT
100mV/div
Typical Operating Characteristics (continued)
(VIN = VCC = 5V, VOUT = 1.8V, IOUT = 6A, fSW = 500kHz, VDD = VCC, and TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1945SEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1945 MAXIM-MAX1945 Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
MAX1945EVKIT MAXIM-MAX1945EVKIT Datasheet
158Kb / 6P
   Evaluation Kit
Rev 1; 1/03
More results

Similar Description - MAX1945SEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Anpec Electronics Corop...
APW7137 ANPEC-APW7137_13 Datasheet
474Kb / 22P
   1MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com