Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89R118 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB89R118
Description  ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89R118 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB89R118 Datasheet HTML 5Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 6Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 7Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 8Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 9Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 10Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 11Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 12Page - Fujitsu Component Limited. MB89R118 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MB89R118
9
(2) Data rate and data coding
The MB89R118 supports only 1 out of 4 mode for bit coding (Not supports 1 out of 256 mode). In 1 out of 4
mode, 2-bit signals are coded in a period of 75.52
µs as shown in the following. When coding takes place, the
data rate is 26.48 kbps (fc/512). Each signal is transmitted beginning with the lowest bit.
(3) Data frame
A data frame begins with a start of frame (SOF) signal and ends with an end of frame (EOF) signal.
The MB89R118 is enabled to receive a frame from a reader/writer within 300
µs after the MB89R118 has sent a
frame to the reader/writer. The MB89R118 is also enabled to receive a frame from a reader/writer within 3 ms after
power has been supplied to the MB89R118.
9.44
µs
9.44
µs
9.44
µs
9.44
µs
9.44
µs
75.52
µs
75.52
µs
75.52
µs
75.52
µs
28.32
µs
47.20
µs
66.08
µs
• “00B” pulse position
• “01B” pulse position (1 = LSB)
• “10B” pulse position (0 = LSB)
• “11B” pulse position
• Coding Method in 1 out of 4 Mode
SOF
9.44
µs
9.44
µs
9.44
µs
37.76
µs
37.76
µs
37.76
µs
9.44
µs
9.44
µs
EOF
• Waveforms of SOF and EOF signals of a frame sent from a reader/writer


Similar Part No. - MB89R118

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118A-DI15 FUJITSU-MB89R118A-DI15 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118C1-DI15 FUJITSU-MB89R118C1-DI15 Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118C2-DI15 FUJITSU-MB89R118C2-DI15 Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
More results

Similar Description - MB89R118

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
ISO15693 FUJITSU-ISO15693 Datasheet
456Kb / 45P
   High-speed RFID LSI FerVID family
logo
Omron Electronics LLC
V680 OMRON-V680 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
Maxim Integrated Produc...
MAX66140 MAXIM-MAX66140 Datasheet
191Kb / 21P
   ISO 15693-Compliant Secure Memory
Rev 1; 1/11
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com