Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90378 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90378
Description  f16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90378 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90378 Datasheet HTML 5Page - Fujitsu Component Limited. MB90378 Datasheet HTML 6Page - Fujitsu Component Limited. MB90378 Datasheet HTML 7Page - Fujitsu Component Limited. MB90378 Datasheet HTML 8Page - Fujitsu Component Limited. MB90378 Datasheet HTML 9Page - Fujitsu Component Limited. MB90378 Datasheet HTML 10Page - Fujitsu Component Limited. MB90378 Datasheet HTML 11Page - Fujitsu Component Limited. MB90378 Datasheet HTML 12Page - Fujitsu Component Limited. MB90378 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
MB91310 Series
9
(Continued)
Pin no.
Pin name
Circuit type
Description
73
P42
C
General-purpose port
TMO2
Multi-function timer 2 output
74
P43
C
General-purpose port
TMO3
Multi-function timer 3 output
75
VDDE
3.3 V power supply
76
VDDI
2.5 V power supply
77
X0A
A
32 kHz oscillation pin
78
VSS
Ground
79
X1A
A
32 kHz oscillation pin
80
P44
C
General-purpose port
PPG0
PPG0 output
81
P45
C
General-purpose port
PPG1
PPG1 output
82
P46
C
General-purpose port
PPG2
PPG2 output
83
P47
C
General-purpose port
PPG3
PPG3 output
84
MD0
F
Mode Pins
85
MD1
F
Mode Pins
86
MD2
F
Mode Pins
87
MD3
F
Mode Pins (ground)
88
P50
C
General-purpose port
TMI0
Multi-function timer 0 input
89
P51
C
General-purpose port
TMI1
Multi-function timer 1 input
90
P52
C
General-purpose port
TMI2
Multi-function timer 2 input
91
P53
C
General-purpose port
TMI3
Multi-function timer 3 input
92
P54
General-purpose port
TRG0
PPG0 trigger input
93
P55
General-purpose port
TRG1
PPG1 trigger input
94
P56
General-purpose port
TRG2
PPG2 trigger input


Similar Part No. - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90378 FUJITSU-MB90378 Datasheet
752Kb / 65P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90378

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
   8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
   8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
   8-bit Proprietary Microcontroller
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
   8-Bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com