Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8902AATA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8902AATA+
Description  Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8902AATA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8902AATA+ Datasheet HTML 3Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 4Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 5Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 6Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 7Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 8Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 9Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 10Page - Maxim Integrated Products MAX8902AATA+ Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Low-Noise 500mA LDO Regulators
in a 2mm x 2mm TDFN Package
10
______________________________________________________________________________________
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
SYMBOL
COMMON DIMENSIONS
2.10
1.90
0.80
MAX.
0.70
MIN.
0.20 REF.
0.40
0.05
2.10
0.20
0.00
1.90
D
A
L
A1
E
A2
k
[(N/2)-1] x e
b
e
PACKAGE VARIATIONS
PKG. CODE
E2
D2
N
0.25 MIN.
PACKAGE OUTLINE
21-0168
2
2
E
8L TDFN EXPOSED PAD, 2x2x0.80mm
1.30±0.10
1.50 REF
0.25±0.05
0.50 TYP.
0.70±0.10
8
T822-1
r
0.125
1.20±0.10
1.50 REF
0.25±0.05
0.50 TYP.
0.80±0.10
8
T822-2
0.125


Similar Part No. - MAX8902AATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8902AATA++ MAXIM-MAX8902AATA+ Datasheet
267Kb / 10P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA++ MAXIM-MAX8902AATA+ Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902AATA++ MAXIM-MAX8902AATA+ Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
More results

Similar Description - MAX8902AATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8902A MAXIM-MAX8902A Datasheet
267Kb / 10P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_11 Datasheet
360Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 4; 4/11
MAX8902BATAT MAXIM-MAX8902BATAT Datasheet
360Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
MAX8902A MAXIM-MAX8902A_12 Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Texas Instruments
TPS718XX TI-TPS718XX_07 Datasheet
325Kb / 18P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
TPS718XX TI-TPS718XX Datasheet
506Kb / 15P
[Old version datasheet]   Dual, 200mA Output, Low Noise, High PSRR Low-Dropout Linear Regulators in 2mm x 2mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com