Selected language     English  ▼


T-11-1250M-R3-MST-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. T-11-1250M-R3-MST-GR
Description  1.25Gbps PIN-TIA Receiver Module-Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
1
T-11-1250M-R3-XXX-XX
1.25Gbps PIN-TIA Receiver Module-Receptacle
(5pin-out, 3.3V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1555-APR1106
rev. A.0
LUMINENTOIC.COM
Features
• InGaAs/InP PIN Photodiode with transimpedance amplifier
• High sensitivity with AGC*
• Differential ended output
• Single +3.3V operation
• -40~85ºC operating temperature
Packaging
• FC/ST/SC receptacle packaged
Application
• 1.25Gbps SDH/SONET/ATM receivers
• RoHS Compliant available
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
4.5
V
Operating Temperature
Topr
-40 ~ 85
ºC
Storage Temperature
Tstg
-40 ~ 85
ºC
Absolute Maximum Ratings (Tc=25ºC)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Detection Range
-
1100
1310
1650
nm
-
Gain@10Mbps Differential
G
1.92
2.5
3.4
V/mW
Measure differentially with 30uAp-p
signal
Bandwidth (to -3dB point)
BW
700
920
1100
MHz
-
Saturation Power
Psat
-3
0
-
dBm
BER<10-12@1.25Gbps,
PRBS 27-1, Er=10dB
Sensitivity
Sens
-
-26
-23
dBm
BER<10-12@1.25Gbps,
PRBS 27-1, Er=10dB
Output Resistance
Rout
48
50
62
ohm
-
AC/Optical and Electrical Characteristics (Tc=25ºC)
(Operating at Vcc=3.3V , Tc=25ºC , λ=1310nm , 9/125µm SM fiber, 50/125µm MM fiber)
Note: 1. Pin assignment can be customized.
2. Specifications subject to change without notice.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply
VCC
3.0
3.3
3.6
V
Differential Ouptput Voltage
Vd
185
250
415
mV
Supply Current (no load)
Icc
-
26
50
mA
DC Electrical Characteristics (Tc=25ºC)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT-51303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-53303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 Optoway Technology Inc
T-11-155-D155Mbps PIN-TIA Receiver Modules-ROSA 5V 1 2 3 List of Unclassifed Manufacturers
PT-55303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-73303.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 3 4 Optoway Technology Inc
PT-93303.3V / 2.5 Gbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-95303.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-331005V / 1.3 μm / 155 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-331303.3V / 1.3 μm / 155 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-351303.3V / 1.3 μm / 622 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl