Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7221 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX7221
Description  Serially Interfaced, 8-Digit LED Display Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7221 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX7221 Datasheet HTML 7Page - Maxim Integrated Products MAX7221 Datasheet HTML 8Page - Maxim Integrated Products MAX7221 Datasheet HTML 9Page - Maxim Integrated Products MAX7221 Datasheet HTML 10Page - Maxim Integrated Products MAX7221 Datasheet HTML 11Page - Maxim Integrated Products MAX7221 Datasheet HTML 12Page - Maxim Integrated Products MAX7221 Datasheet HTML 13Page - Maxim Integrated Products MAX7221 Datasheet HTML 14Page - Maxim Integrated Products MAX7221 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Computing Power Dissipation
The upper limit for power dissipation (PD) for the
MAX7219/MAX7221 is determined from the following
equation:
PD = (V + x 8mA) + (V+ - VLED)(DUTY x ISEG x N)
where:
V+ = supply voltage
DUTY = duty cycle set by intensity register
N = number of segments driven (worst case is 8)
VLED = LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 8, DUTY = 31/32, VLED = 1.8V at
40mA, V+ = 5.25V
PD = 5.25V(8mA) + (5.25V - 1.8V)(31/32 x
40mA x 8) = 1.11W
Thus, for a CERDIP package (
θJA = +80°C/W from
Table 12), the maximum allowed ambient temperature
TA is given by:
TJ(MAX) = TA + PD x
θJA + 150°C = TA +1.11W x
80°C/W
where TA = +61.2°C.
The TA limits for PDIP and SO Packages in the dissipation
example above are +66.7°C and +55.6°C, respectively.
Cascading Drivers
The example in Figure 3 drives 16 digits using a 3-wire
µP interface. If the number of digits is not a multiple of
8, set both drivers’ scan limits registers to the same
number so one display will not appear brighter than the
other. For example, if 12 digits are need, use 6 digits
per display with both scan-limit registers set for 6 digits
so that both displays have a 1/6 duty cycle per digit. If
11 digits are needed, set both scan-limit registers for 6
digits and leave one digit driver unconnected. If one
display for 6 digits and the other for 5 digits, the sec-
ond display will appear brighter because its duty cycle
per digit will be 1/5 while the first display’s will be 1/6.
Refer to the No-Op Register section for additional infor-
mation.
Serially Interfaced, 8-Digit LED Display Drivers
______________________________________________________________________________________
11
Table 11. RSET vs. Segment Current and
LED Forward Voltage
Table 12. Package Thermal Resistance
Data
12.2
17.8
1.5
40
11.0
2.5
11.8
30
9.69
15.8
VLED (V)
10.6
29.8
2.0
66.7
20
17.1
14.0
25.9
15.0
28.0
10
3.5
22.6
59.3
3.0
ISEG (mA)
24.5
63.7
51.2
55.4
24 Narrow DIP
24 Wide SO
PACKAGE
+85°C/W
24 CERDIP
Maximum Ambient Temperature (TA) = +85°C
Maximum Junction Temperature (TJ) = +150°C
+80°C/W
THERMAL RESISTANCE
(
θθJA)
+75°C/W


Similar Part No. - MAX7221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7221 MAXIM-MAX7221 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7221 MAXIM-MAX7221 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7221C/D MAXIM-MAX7221C/D Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7221C/D MAXIM-MAX7221C/D Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7221CNG MAXIM-MAX7221CNG Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
More results

Similar Description - MAX7221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com