Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D20IDBZR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D20IDBZR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040D20IDBZR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4040D20IDBZR Datasheet HTML 5Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 6Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 7Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 8Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 9Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 10Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 11Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 12Page - Texas Instruments LM4040D20IDBZR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
www.ti.com
LM4040x20I Electrical Characteristics
DVZ
DIZ
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456K – JANUARY 2005 – REVISED MARCH 2008
at industrial temperature range, full-range TA = –40°C to 85°C (unless otherwise noted)
LM4040C20I
LM4040D20I
PARAMETER
TEST CONDITIONS
TA
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse breakdown voltage
IZ = 100 µA
25
°C
2.048
2.048
V
25
°C
–10
10
–20
20
Reverse breakdown voltage
ΔVZ
IZ = 100 µA
mV
tolerance
Full range
–23
23
–40
40
25
°C
45
75
45
75
IZ,min
Minimum cathode current
µA
Full range
80
80
IZ = 10 mA
25
°C
±20
±20
25
°C
±15
±15
Average temperature coefficient
α
VZ
IZ = 1 mA
ppm/
°C
of reverse breakdown voltage
Full range
±100
±150
IZ = 100 µA
25
°C
±15
±15
25
°C
0.3
0.8
0.3
1
IZ,min < IZ < 1 mA
Reverse breakdown voltage
Full range
1
1.2
change with cathode current
mV
25
°C
2.5
6
2.5
8
change
1 mA < IZ < 15 mA
Full range
8
10
IZ = 1 mA, f = 120 Hz,
ZZ
Reverse dynamic impedance
25
°C
0.3
0.9
0.3
1.1
IAC = 0.1 IZ
IZ = 100 µA,
eN
Wideband noise
25
°C
35
35
µV
RMS
10 Hz
≤ f ≤ 10 kHz
t = 1000 h,
Long-term stability of reverse
TA = 25°C ± 0.1°C,
120
120
ppm
breakdown voltage
IZ = 100 µA
VHYST
Thermal hysteresis(1)
ΔTA = –40°C to 125°C
0.08
0.08
%
(1)
Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C).
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - LM4040D20IDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040D20IDBZR TI-LM4040D20IDBZR Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040D20IDBZR VISHAY-LM4040D20IDBZR Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040D20IDBZR TI-LM4040D20IDBZR Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D20IDBZR TI-LM4040D20IDBZR Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D20IDBZR TI1-LM4040D20IDBZR Datasheet
975Kb / 55P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040D20IDBZR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com