Selected language     English  ▼


T-11-1250M-R3-SFC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. T-11-1250M-R3-SFC
Description  1.25Gbps PIN-TIA Receiver Module-Receptacle
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
2
T-11-1250M-R3-XXX-XX
1.25Gbps PIN-TIA Receiver Module-Receptacle
(5pin-out, 3.3V)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS1555-APR1106
rev. A.0
LUMINENTOIC.COM
Pin Assignment
Packaging Dimension
Units in mm.
Functional Schematic
PD
GND
Imon
Vcc(+3.3V)
Dout
Dout
2~Vcc
4~Imon
5~Dout
3~GND(CASE)
Pin Assignment
1~Dout
Part Number: T-11-1250M-R3-XXX-XX
SC Receptacle
ST Receptacle
3/8"-24 UNF
metal
plastic
FC Receptacle
metal




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PT-51303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-53303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 Optoway Technology Inc
T-11-155-D155Mbps PIN-TIA Receiver Modules-ROSA 5V 1 2 3 List of Unclassifed Manufacturers
PT-55303.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-73303.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL 1 2 3 4 Optoway Technology Inc
PT-93303.3V / 2.5 Gbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-95303.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE 1 2 Optoway Technology Inc
PT-331005V / 1.3 μm / 155 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-331303.3V / 1.3 μm / 155 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc
PT-351303.3V / 1.3 μm / 622 Mbps InGaAs PIN-TIA Receiver 1 2 Optoway Technology Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl