Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040D30IDCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4040D30IDCKR
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4040D30IDCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4040D30IDCKR Datasheet HTML 3Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 4Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 5Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 6Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 7Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 8Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 9Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 10Page - Texas Instruments LM4040D30IDCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
www.ti.com
CATHODE
ANODE
_
+
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
LM4040
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLOS456K – JANUARY 2005 – REVISED MARCH 2008
FUNCTIONAL BLOCK DIAGRAM
over free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
IZ
Continuous cathode current
–10
25
mA
DBZ package
206
θ
JA
Package thermal impedance(2)(3)
DCK package
252
°C/W
LP package
156
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
IZ
Cathode current
(1)
15
mA
LM4040xxxI
–40
85
TA
Free-air temperature
°C
LM4040xxxQ
–40
125
(1)
See parametric tables
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - LM4040D30IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040D30IDCKR TI-LM4040D30IDCKR Datasheet
482Kb / 43P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Vishay Siliconix
LM4040D30IDCKR VISHAY-LM4040D30IDCKR Datasheet
574Kb / 51P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
LM4040D30IDCKR TI-LM4040D30IDCKR Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D30IDCKR TI-LM4040D30IDCKR Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040D30IDCKR TI1-LM4040D30IDCKR Datasheet
975Kb / 55P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4040D30IDCKR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com