Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W400DB55M1F Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29W400DB55M1F
Description  4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W400DB55M1F Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29W400DB55M1F Datasheet HTML 7Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 8Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 9Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 10Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 11Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 12Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 13Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 14Page - Numonyx B.V M29W400DB55M1F Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
M29W400DT, M29W400DB
Description
11/48
Figure 5.
Block addresses (x 8)
1.
Also see Appendix A: Block address table, Table 21: Top boot block addresses M29W400DT and
Table 22: Bottom boot block addresses M29W400DB for a full listing of the block addresses.
AI06857b
16 Kbyte
7FFFFh
7C000h
64 Kbyte
1FFFFh
10000h
64 Kbyte
0FFFFh
00000h
M29W400DT
Top boot block addresses (x 8)
32 Kbyte
77FFFh
70000h
64 Kbyte
60000h
6FFFFh
Total of 7
64 Kbyte blocks
16 Kbyte
7FFFFh
70000h
64 Kbyte
64 Kbyte
03FFFh
00000h
M29W400DB
Bottom boot block addresses (x 8)
32 Kbyte
6FFFFh
1FFFFh
64 Kbyte
60000h
10000h
Total of 7
64 Kbyte blocks
0FFFFh
08000h
8 Kbyte
8 Kbyte
7BFFFh
7A000h
79FFFh
78000h
8 Kbyte
8 Kbyte
07FFFh
06000h
05FFFh
04000h


Similar Part No. - M29W400DB55M1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DB55M1F STMICROELECTRONICS-M29W400DB55M1F Datasheet
291Kb / 38P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
M29W400DB55M1F STMICROELECTRONICS-M29W400DB55M1F Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
More results

Similar Description - M29W400DB55M1F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Numonyx B.V
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W064FT NUMONYX-M29W064FT Datasheet
1Mb / 69P
   64 Mbit (8 Mbit x 8 or 4 Mbit x 16, page, boot block) 3 V supply Flash memory
M29W800FB-KGD NUMONYX-M29W800FB-KGD Datasheet
285Kb / 15P
   Known good die, 8-Mbit (1 Mbit x 8 or 512 Kbits x 16), boot block, 3 V supply Flash memory
M28W640HCT NUMONYX-M28W640HCT Datasheet
1Mb / 72P
   64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
   4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
logo
Sharp Corporation
LH28F800BG SHARP-LH28F800BG Datasheet
242Kb / 40P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
   8 M-bit (512 kB x 16) SmartVoltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com