Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H200CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR20H200CT
Description  Dual Common-Cathode High-Voltage Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20H200CT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR20H200CT Datasheet HTML 1Page - Vishay Siliconix MBR20H200CT Datasheet HTML 2Page - Vishay Siliconix MBR20H200CT Datasheet HTML 3Page - Vishay Siliconix MBR20H200CT Datasheet HTML 4Page - Vishay Siliconix MBR20H200CT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR20H200CT, MBRF20H200CT & SB20H200CT-1
Vishay General Semiconductor
Document Number: 88786
Revision: 27-Jul-07
www.vishay.com
1
Dual Common-Cathode High-Voltage Schottky Rectifier
Low Leakage Current 5.0 µA
FEATURES
• Guarding for overvoltage protection
• Low power loss, high efficiency
• Low forward voltage drop
• High frequency operation
• Solder dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in high frequency inverters, free-wheeling and
polarity protection applications.
MECHANICAL DATA
Case: TO-220AB, ITO-220AB, TO-262AA
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
E3 suffix for commercial grade
Mounting Torque: 10 in-lbs maximum
Polarity: As marked
PRIMARY CHARACTERISTICS
IF(AV)
2 x 10 A
VRRM
200 V
IFSM
290 A
VF
0.75 V
Tj
175 °C
TO-262AA
MBR20H200CT
MBRF20H200CT
SB20H200CT-1
CASE
PIN 2
PIN 1
PIN 3
1
1
2
2
3
3
TO-220AB
1
2
3
ITO-220AB
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR20H200CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current
Total device
per diode
IF(AV)
20
10
A
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load per diode
IFSM
290
A
Peak repetitive reverse current per diode at tp = 2 µs, 1 kHz
IRRM
1.0
A
Peak non-repetitive reverse surge energy per diode (8/20 µs waveform)
ERSM
20
mJ
Non-repetitive avalanche energy per diode at 25 °C, IAS = 2.0 A, L = 10 mH
EAS
20
mJ
Electrostatic discharge capacitor voltage
Human body model air discharge: C = 100 pF, R 0 1.5 k
Ω
VC
25
KV
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AB only)
From terminals to heatsink t = 1 minute
VAC
1500
V


Similar Part No. - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 4P
   Guarding for overvoltage protection
logo
Taiwan Semiconductor Co...
MBR20H200CT TSC-MBR20H200CT Datasheet
444Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR20H200CT KERSEMI-MBR20H200CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94V-0
logo
Vishay Siliconix
MBR20H200CT VISHAY-MBR20H200CT Datasheet
128Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 18-Apr-08
More results

Similar Description - MBR20H200CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 19-May-08
MBR20H150CT VISHAY-MBR20H150CT_11 Datasheet
102Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 09-Aug-11
logo
Nell Semiconductor Co.,...
MBR30100CT NELLSEMI-MBR30100CT Datasheet
198Kb / 4P
   Dual Common Cathode High-Voltage Schottky Rectifier,
MBR10100CT NELLSEMI-MBR10100CT Datasheet
378Kb / 5P
   Dual Common Cathode High-Voltage Schottky Rectifier
logo
Bruckewell Technology L...
MBRF1060C BWTECH-MBRF1060C Datasheet
527Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR30H90CT VISHAY-MBR30H90CT_15 Datasheet
725Kb / 4P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 17-Aug-15
MBR10H15 VISHAY-MBR10H15_15 Datasheet
95Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 11-Dec-14
MBR60100CT VISHAY-MBR60100CT_15 Datasheet
82Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 13-Aug-13
logo
Bruckewell Technology L...
MBR3040CT BWTECH-MBR3040CT Datasheet
449Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
logo
Vishay Siliconix
MBR10HXXCT VISHAY-MBR10HXXCT Datasheet
157Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 29-Jul-15
M10HXXCT VISHAY-M10HXXCT Datasheet
153Kb / 5P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 18-Mar-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com