Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W320DB70ZE1E Datasheet(PDF) 11 Page - Numonyx B.V

Part # M29W320DB70ZE1E
Description  32 Mbit (4Mbx8 or 2Mbx16, Non-uniform Parameter Blocks, Boot Block), 3V Supply Flash memory
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M29W320DB70ZE1E Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M29W320DB70ZE1E Datasheet HTML 7Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 8Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 9Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 10Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 11Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 12Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 13Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 14Page - Numonyx B.V M29W320DB70ZE1E Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
M29W320DT, M29W320DB
Summary description
11/56
Figure 5.
Block Addresses (x16)
1.
Also see Appendix Appendix A: Block Addresses, Table 19 and Table 20 for a full listing of the Block Addresses.
AI90193
8 KWord
1FFFFFh
1FE000h
32 KWord
00FFFFh
008000h
32 KWord
007FFFh
000000h
M29W320DT
Top Boot Block Addresses (x16)
16 KWord
1FBFFFh
1F8000h
32 KWord
1F0000h
1F7FFFh
Total of 63
32 KWord Blocks
8 KWord
1FFFFFh
1F8000h
32 KWord
32 KWord
001FFFh
000000h
M29W320DB
Bottom Boot Block Addresses (x16)
16 KWord
1F7FFFh
00FFFFh
32 KWord
1F0000h
008000h
Total of 63
32 KWord Blocks
007FFFh
004000h
4 KWord
4 KWord
1FDFFFh
1FD000h
1FCFFFh
1FC000h
4 KWord
4 KWord
003FFFh
003000h
002FFFh
002000h


Similar Part No. - M29W320DB70ZE1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W320DB70ZE1E STMICROELECTRONICS-M29W320DB70ZE1E Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results

Similar Description - M29W320DB70ZE1E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29W320ET NUMONYX-M29W320ET Datasheet
1Mb / 63P
   32 Mbit (4Mbx8 or 2Mbx16, Uniform Parameter Blocks, Boot Block) 3V supply Flash memory
logo
Sharp Corporation
LH28F320S3 SHARP-LH28F320S3 Datasheet
4Mb / 50P
   32-MBIT(4MBx8/2MBx16)Smart 3 Flash MEMORY
LH28F320S5 SHARP-LH28F320S5 Datasheet
3Mb / 49P
   32-MBIT(4MBx8/2MBx16) Smart 5 Flash MEMORY
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com