Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9976DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9976DY
Description  N-Channel Half-Bridge Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9976DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9976DY Datasheet HTML 1Page - Vishay Siliconix SI9976DY Datasheet HTML 2Page - Vishay Siliconix SI9976DY Datasheet HTML 3Page - Vishay Siliconix SI9976DY Datasheet HTML 4Page - Vishay Siliconix SI9976DY Datasheet HTML 5Page - Vishay Siliconix SI9976DY Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Si9976
Vishay Siliconix
Document Number: 70016
S-40757—Rev. F, 19-Apr-04
www.vishay.com
3
SPECIFICATIONSa
Limits
D Suffix −40 to 85_C
Test Conditions
UnlessOtherwise Specified
Parameter
Unit
Maxc
Typb
Minc
V+ = 20 to 40 V
TA = Operating Temperature Range
Symbol
Dynamic
Propogation Delay Time
t
G1
350
Propogation Delay Time
Low to High Level
tPLH
50% IN to VOUT = 5 V, CL = 600 pF
G2
400
Propogation Delay Time
tPHL
50% IN to VOUT = 5 V, CL = 600 pF
G1
150
Propogation Delay Time
High to Low Level
tPHL
G2
50
Propogation Delay Time, Low to High Lev-
el, Enable-to-Fault Output
50% IN to FAULT = 2 V, S1 shorted to GND or V+
500
ns
Output Rise Time (G1, G2)
tr
1 to 10 V, CL = 600 pf
110
Output Fall Time (G1, G2)
tf
10 to 1 V, CL = 600 pf
50
Short Circuit Pulse Width
tSC
50% to 50% of VOUT
350
Notes
a.
Refer to PROCESS OPTION FLOWCHART for additional information.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
d.
To supply the output current of 10 mA on a dc basis, an external 13-V supply must be connected between the CAP pin and the S1 pin with the negative terminal
of the supply connected to S1. This is not needed in an actual application because output currents are supplied by the CBOOT capacitor. Voltage specified with
respect to V+.
e.
For testing purposes, the 10-mA load current must be supplied by an external current source to the VDD pin to avoid pulling down the VDD supply.
f.
Internally generated voltage for reference only.
g.
VCAP = (V+) + (VDD)
TRUTH TABLE
EN
IN
Condition
FAULT OUTPUT
G1 OUT
G2 OUT
1
0
Normal Operation
0
Low
High
1
1
Normal Operation
0
High
Low
0
X
Disabled
Xa
Low
Low
1
0
Load Shorted to V+
1b
Low
Low
1
1
Load Shorted to Ground
1b
Low
Low
1
1
Undervoltage on CBOOT
0
Low
Low
1
0
Undervoltage on CBOOT
0
Low
High
X
X
Undervoltage on VDDc
1
Low
Low
Notes
a.
FAULT output retains previous state until ENABLE rising edge.
b.
Latch FAULT condition, reset by ENABLE rising edge.
c.
VDD is an internally generated low-voltage supply.


Similar Part No. - SI9976DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
More results

Similar Description - SI9976DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
   N-Channel Half-Bridge Driver
01-Jan-2022
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
logo
Toshiba Semiconductor
TB67Z800FTG TOSHIBA-TB67Z800FTG Datasheet
382Kb / 18P
   3-channel Half Bridge Driver
2018-03-16
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
   10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com