Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9976DY-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9976DY-T1-E3
Description  N-Channel Half-Bridge Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9976DY-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9976DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9976DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9976DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9976DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9976DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI9976DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si9976
Vishay Siliconix
www.vishay.com
2
Document Number: 70016
S-40757—Rev. F, 19-Apr-04
ABSOLUTE MAXIMUM RATINGS
Voltage on IN, EN (pins 5, 6)
with respect to ground
−0.3 to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on VCC (pin 7)
−0.3 to +18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on V+, S1 (pins 3, 13)
−0.3 to +50 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on CAP, G1a (pins 2, 12)
−0.3 to +60 V
. . . . . . . . . . . . . . . . . . . . . . . .
Peak Output Current
0.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature (TA)
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−50 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature (TJ)
125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipationb
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
QJA
100_C/Wb
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Internally generated voltage for reference only.
b.
Derate 10 mW/_C above 25_C.
c.
PC board mounted with no forced air flow.
SPECIFICATIONSa
Test Conditions
UnlessOtherwise Specified
Limits
D Suffix −40 to 85_C
Parameter
Symbol
V+ = 20 to 40 V
TA = Operating Temperature Range
Minc
Typb
Maxc
Unit
Input
Input Voltage High (EN and IN)
VINH
4.0
Input Voltage Low (EN and IN)
VINL
1.0
V
Input Hysteresis Voltage
VH
0.5
Input Current—Input Voltage High
IINH
(EN and IN) VIN = 15 V
1
mA
Input Current—Input Voltage Low
IINL
(EN and IN) VIN = 0 V
−1
mA
Output
Output Voltage High, G1d
V
S1 = V+, IOUT = −10 mA
10
12
Output Voltage High, G2e
VOUTH
S1 = GND, IOUT = −10 mA
12
15
Output Voltage Low, G1 and G2
VOUTL
S1 = GND, IOUT = 60 mA
1.2
3
Fault Output Voltage High
VOH
VCC = 4.5 V, IOUT = −0.2 mA
3.5
4
V
Fault Output Voltage Low
VOL
VCC = 4.5 V, IOUT = 0.6 mA
0.3
1.0
Undervoltage Lockout 1
UVL1
11
Undervoltage Lockout 2
UVL2
14
Capacitor Voltageg
VCAP
V+ = 40V
55
Capacitor Current
ICAP
S1 = GND, VCAP = 0 V
−10
mA
Capacitor Current
ICAP
S1 = GND, VCAP = 9 V
−2
mA
Supply
V+ Supply Range
20
40
V
V+ Supply Current
I+ (H)
G2 High, No Load
1.7
3.5
mA
V+ Supply Current
I+ (L)
G2 Low, No Load, S1 = GND
2
4.5
mA
VCC Supply Range
4.5
16.5
V
VCC Supply Current
ICC
VCC = 16.5 V
10
mA
VDD Supply Voltagef
VDD
15
16
17.5
V


Similar Part No. - SI9976DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
More results

Similar Description - SI9976DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
   N-Channel Half-Bridge Driver
01-Jan-2022
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158 Datasheet
426Kb / 20P
   Half Bridge N-Channel Power MOSFET Driver
logo
Toshiba Semiconductor
TB67Z800FTG TOSHIBA-TB67Z800FTG Datasheet
382Kb / 18P
   3-channel Half Bridge Driver
2018-03-16
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
   10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com