Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9183 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9183
Description  High-Performance, Size Saving 150-mA CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9183 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9183 Datasheet HTML 1Page - Vishay Siliconix SI9183 Datasheet HTML 2Page - Vishay Siliconix SI9183 Datasheet HTML 3Page - Vishay Siliconix SI9183 Datasheet HTML 4Page - Vishay Siliconix SI9183 Datasheet HTML 5Page - Vishay Siliconix SI9183 Datasheet HTML 6Page - Vishay Siliconix SI9183 Datasheet HTML 7Page - Vishay Siliconix SI9183 Datasheet HTML 8Page - Vishay Siliconix SI9183 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Si9183
Vishay Siliconix
Document Number: 71258
S-51147—Rev. G, 20-Jun-05
www.vishay.com
3
SPECIFICATIONS (TA = 25_C)
Limits
−40 to 85_C
Test Conditions
Unless Otherwise Specified
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 1 mF, COUT = 2.2 mF, VSD = 1.5 V
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions
Unless Otherwise Specified
VIN = VOUT(nom) + 1 V, IOUT = 1 mA
CIN = 1 mF, COUT = 2.2 mF, VSD = 1.5 V
Symbol
f = 1 kHz
Room
60
Ripple Rejection
DVOUT/DVIN
IOUT = 150 mA
f = 10 kHz
Room
40
dB
pp
j
OUT
IN
OUT
f = 100 kHz
Room
30
Dynamic Line Regulation
DVO(line)
VIN : VOUT(nom) + 1 V to VOUT(nom) + 2 V
tR/tF = 5 ms, IOUT = 150 mA
Room
10
mV
Dynamic Load Regulation
DVO(load)
IOUT : 1 mA to 150 mA, tR/tF = 2 ms
Room
30
mV
VOUT Turn On Time
tON
VIN = 4.3 V
w/o CBP Cap
Room
5
ms
VOUT Turn-On-Time
tON
VIN = 4.3 V
VOUT = 3.3 V
CBP = 0.1 mF
Room
1000
ms
Thermal Shutdown
Thermal Shutdown Junction Temp
tJ(s/d)
Room
165
_C
Thermal Hysteresis
tHYST
Room
20
_C
Short Circuit Current
ISC
VOUT = 0 V
Room
400
mA
Shutdown Input
SD Input Voltage
VIH
High = Regulator ON (Rising)
Full
1.2
VIN
V
SD Input Voltage
VIL
Low = Regulator OFF (Falling)
Full
0.4
V
SD Input Currente
IIL
VSD = 0 V, Regulator OFF
Room
0.01
mA
SD Input Currente
IIH
VSD = 6 V, Regulator ON
Room
1.0
mA
Shutdown Hysteresis
VHYST
Full
100
mV
Notes
a.
Room = 25_C, Full = −40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. Typical values for dropout voltage at VOUT w 2 V are measured at
VOUT = 2.5 V, while typical values for dropout voltage at VOUT < 2 V are measured at VOUT = 1.8 V.
d.
Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the output voltage measured with a 1-V
differential, provided that VIN does not not drop below 2.0 V.
e.
The device’s shutdown pin includes a typical 6-MW internal pull-down resistor connected to ground.
f.
VOUT is defined as the output voltage of the DUT at 1 mA.


Similar Part No. - SI9183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
SI9183DB VISHAY-SI9183DB Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183DT-15-T1 VISHAY-SI9183DT-15-T1 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183DT-18-T1 VISHAY-SI9183DT-18-T1 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
More results

Similar Description - SI9183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com