Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9183DT-28-T1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI9183DT-28-T1
Description  High-Performance, Size Saving 150-mA CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9183DT-28-T1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI9183DT-28-T1 Datasheet HTML 3Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 4Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 5Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 6Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 7Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 8Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 9Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 10Page - Vishay Siliconix SI9183DT-28-T1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Si9183
Vishay Siliconix
Document Number: 71258
S-51147—Rev. G, 20-Jun-05
www.vishay.com
7
TYPICAL CHARACTERISTICS (INTERNALLY REGULATED, 25_C UNLESS NOTED)
−80
−60
−40
−20
0
Power Supply Rejection
Frequency (Hz)
CIN = 1 mF
COUT = 2.2 mF
ILOAD = 150 mA
0.25
0.35
0.45
0.55
0.65
0.75
−40
−15
10
35
60
85
ISC vs. Temperature
Ambient Temperature
VOUT = 2.5 V
10
100
1 K
10 K
100 K
1 M
TYPICAL WAVEFORMS
VIN = 4.2 V
VOUT = 3.3 V
CBP = 0.1 mF
ILOAD = 350 mA
Turn-On Delay
10.00 ms/div
5.00 ms/div
Output Noise
VIN = 4 V
VOUT = 3 V
IOUT = 150 mA
CIN = 1 mF
COUT = 2.2 mF
CBP = 0.1 mF
BW = 10 Hz to 1 MHz
Noise Spectrum
VIN = 4 V
VOUT = 3
IOUT = 150 mA
CIN = 1 mF
COUT = 2.2 mF
CBP = 0.1 mF
100 Hz
VOUT 2 V/div
VIN = 4.2 V
VOUT = 3.3 V
CBP = 0.1 mF
ILOAD = 350 mA
Turn-Off Delay
SD 2 V/div
VOUT 2 V/div
1 ms/div
mV Hz
1 MHz
10.0
0.01
SD 2 V/div
100 mV/div


Similar Part No. - SI9183DT-28-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183DT-28-T1 VISHAY-SI9183DT-28-T1 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
More results

Similar Description - SI9183DT-28-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183 Datasheet
130Kb / 10P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. E, 29-Mar-04
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com