Electronic Components Datasheet Search |
|
M28W160ECB100N1U Datasheet(PDF) 9 Page - Numonyx B.V |
|
M28W160ECB100N1U Datasheet(HTML) 9 Page - Numonyx B.V |
9 / 50 page 9/50 M28W160ECT, M28W160ECB SIGNAL DESCRIPTIONS See Figure 2., Logic Diagram and Table 1., Signal Names, for a brief overview of the signals connect- ed to this device. Address Inputs (A0-A19). The Address Inputs select the cells in the memory array to access dur- ing Bus Read operations. During Bus Write opera- tions they control the commands sent to the Command Interface of the internal state machine. Data Input/Output (DQ0-DQ15). The Data I/O outputs the data stored at the selected address during a Bus Read operation or inputs a command or the data to be programmed during a Write Bus operation. Chip Enable (E). The Chip Enable input acti- vates the memory control logic, input buffers, de- coders and sense amplifiers. When Chip Enable is at VILand Reset is at VIH the device is in active mode. When Chip Enable is at VIH the memory is deselected, the outputs are high impedance and the power consumption is reduced to the stand-by level. Output Enable (G). The Output Enable controls data outputs during the Bus Read operation of the memory. Write Enable (W). The Write Enable controls the Bus Write operation of the memory’s Command Interface. The data and address inputs are latched on the rising edge of Chip Enable, E, or Write En- able, W, whichever occurs first. Write Protect (WP). Write Protect is an input that gives an additional hardware protection for each block. When Write Protect is at VIL, the Lock- Down is enabled and the protection status of the block cannot be changed. When Write Protect is at VIH, the Lock-Down is disabled and the block can be locked or unlocked. (refer to Table 6., Read Protection Register and Lock Register). Reset (RP). The Reset input provides a hard- ware reset of the memory. When Reset is at VIL, the memory is in reset mode: the outputs are high impedance and the current consumption is mini- mized. After Reset all blocks are in the Locked state. When Reset is at VIH, the device is in normal operation. Exiting reset mode the device enters read array mode, but a negative transition of Chip Enable or a change of the address is required to ensure valid data outputs. VDD Supply Voltage. VDD provides the power supply to the internal core of the memory device. It is the main power supply for all operations (Read, Program and Erase). VDDQ Supply Voltage. VDDQ provides the power supply to the I/O pins and enables all Out- puts to be powered independently from VDD. VDDQ can be tied to VDD or can use a separate supply. VPP Program Supply Voltage. VPP is both a control input and a power supply pin. The two functions are selected by the voltage range ap- plied to the pin. The Supply Voltage VDD and the Program Supply Voltage VPP can be applied in any order. If VPP is kept in a low voltage range (0V to 3.6V) VPP is seen as a control input. In this case a volt- age lower than VPPLK gives an absolute protection against program or erase, while VPP > VPP1 en- ables these functions (see Table 14., DC Charac- teristics, for the relevant values). VPP is only sampled at the beginning of a program or erase; a change in its value after the operation has started does not have any effect and program or erase op- erations continue. If VPP is in the range 11.4V to 12.6V it acts as a power supply pin. In this condition VPP must be stable until the Program/Erase algorithm is com- pleted (see Table 16. and Table 17.). VSS Ground. VSS is the reference for all voltage measurements. Note: Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1µF ca- pacitor close to the pin. See Figure 8., AC Mea- surement Load Circuit. The PCB trace widths should be sufficient to carry the required VPP program and erase currents. |
Similar Part No. - M28W160ECB100N1U |
|
Similar Description - M28W160ECB100N1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |