Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W0R604040B0ZAQE Datasheet(PDF) 10 Page - Numonyx B.V

Part # M36W0R604040B0ZAQE
Description  64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M36W0R604040B0ZAQE Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M36W0R604040B0ZAQE Datasheet HTML 6Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 7Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 8Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 9Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 10Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 11Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 12Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 13Page - Numonyx B.V M36W0R604040B0ZAQE Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Signal descriptions
M36W0R6040T1, M36W0R604BT1
10/22
2
Signal descriptions
See Figure 1: Logic diagram and Table 1: Signal names, for a brief overview of the signals
connect-ed to this device.
2.1
Address Inputs (A0-A19)
Addresses A0-A19 are common inputs for the Flash Memory and PSRAM components. The
Address Inputs select the cells in the memory array to access during Bus Read operations.
During Bus Write operations they control the commands sent to the Command Interface of
the Flash memory Program/Erase Controller, and they select the cells to access in the
PSRAM.
The Flash memory is accessed through the Chip Enable signal (E
F) and through the Write
Enable (W
F) signal, while the PSRAM is accessed through two Chip Enable signals (E1
P
and E2P) and the Write Enable signal (WP).
2.2
Address Inputs (A20-A21)
Addresses A20-A21 are inputs for the Flash memory component only. The Flash memory is
accessed through the Chip Enable signals (E
F) and through the Write Enable (WF) signal.
2.3
Data Input/Output (DQ0-DQ15)
For the Flash memory, the Data I/O outputs the data stored at the selected address during a
Bus Read operation or inputs a command or the data to be programmed during a Write Bus
operation.
For the PSRAM, the Upper Byte Data Inputs/Outputs carry the data to or from the upper
part of the selected address during a Write or Read operation, when Upper Byte Enable
(UBP) is driven Low.
Likewise, the Lower Byte Data Inputs/Outputs carry the data to or from the lower part of the
selected address during a Write or Read operation, when Lower Byte Enable (LBP) is driven
Low.
2.4
Flash Chip Enable (EF)
The Chip Enable inputs activate the memory control logics, input buffers, decoders and
sense amplifiers. When Chip Enable is Low, VIL, and Reset is High, VIH, the device is in
active mode. When Chip Enable is at VIH the Flash memory is deselected, the outputs are
high impedance and the power consumption is reduced to the standby level.
2.5
Flash Output Enable (GF)
The Output Enable pins control data outputs during Flash memory Bus Read operations.


Similar Part No. - M36W0R604040B0ZAQE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W0R6040B0 STMICROELECTRONICS-M36W0R6040B0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
logo
Numonyx B.V
M36W0R6040B3 NUMONYX-M36W0R6040B3 Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
M36W0R6040B3ZAQE NUMONYX-M36W0R6040B3ZAQE Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
M36W0R6040B3ZAQF NUMONYX-M36W0R6040B3ZAQF Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
logo
STMicroelectronics
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
More results

Similar Description - M36W0R604040B0ZAQE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36W0R6050T1 NUMONYX-M36W0R6050T1 Datasheet
429Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
STMicroelectronics
M36W0R6050T1 STMICROELECTRONICS-M36W0R6050T1 Datasheet
223Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 32 Mbit (2 Mb 횞16) PSRAM, multi-chip package
logo
Numonyx B.V
M36W0R6040T3 NUMONYX-M36W0R6040T3 Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
logo
STMicroelectronics
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36W0R6040T0 STMICROELECTRONICS-M36W0R6040T0 Datasheet
346Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
M36L0R8060T0 STMICROELECTRONICS-M36L0R8060T0 Datasheet
358Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com