Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M39P0R8070E2ZADE Datasheet(PDF) 7 Page - Numonyx B.V

Part # M39P0R8070E2ZADE
Description  256 or 512Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit Low Power SDRAM, 1.8V supply, Multi-Chip Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M39P0R8070E2ZADE Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M39P0R8070E2ZADE Datasheet HTML 3Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 4Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 5Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 6Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 7Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 8Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 9Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 10Page - Numonyx B.V M39P0R8070E2ZADE Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
M39P0R8070E2, M39P0R9070E2
Summary description
7/24
Figure 1.
Logic diagram
1.
Amax is A23 in the M39P0R8070E2 and A24 in the M39P0R9070E2.
Ai12813
A0-Amax(1)
EF
DQ0-DQ15
VDDQ
M39P0R8070E2
M39P0R9070E2
GF
VSS
16
WF
RPF
WPF
VDDF
DPDF
ES
WS
VPPF
VDDS
LF
KF
WAITF
CASS
RASS
BA0-BA1
2
KS
KES
UDQMS
LDQMS


Similar Part No. - M39P0R8070E2ZADE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M39P0R1080E4 NUMONYX-M39P0R1080E4 Datasheet
466Kb / 23P
   512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
M39P0R1080E4ZASE NUMONYX-M39P0R1080E4ZASE Datasheet
466Kb / 23P
   512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
M39P0R1080E4ZASF NUMONYX-M39P0R1080E4ZASF Datasheet
466Kb / 23P
   512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M39P0R9070E0 STMICROELECTRONICS-M39P0R9070E0 Datasheet
248Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
M39P0R9070E0ZAD STMICROELECTRONICS-M39P0R9070E0ZAD Datasheet
248Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
More results

Similar Description - M39P0R8070E2ZADE

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
logo
STMicroelectronics
M39P0R9070E0 STMICROELECTRONICS-M39P0R9070E0 Datasheet
248Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M30L0R7000B0 STMICROELECTRONICS-M30L0R7000B0 Datasheet
1Mb / 83P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst), 1.8V Supply Flash Memory
M58LR128FT STMICROELECTRONICS-M58LR128FT Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M58LR128GT STMICROELECTRONICS-M58LR128GT Datasheet
1Mb / 84P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
M30L0R8000T0 STMICROELECTRONICS-M30L0R8000T0 Datasheet
1Mb / 83P
   256 Mbit (16Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com