Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5333 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5333
Description  Micro-Power High Performance Dual 300mA ULDO??with Dual POR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5333 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5333 Datasheet HTML 1Page - Micrel Semiconductor MIC5333 Datasheet HTML 2Page - Micrel Semiconductor MIC5333 Datasheet HTML 3Page - Micrel Semiconductor MIC5333 Datasheet HTML 4Page - Micrel Semiconductor MIC5333 Datasheet HTML 5Page - Micrel Semiconductor MIC5333 Datasheet HTML 6Page - Micrel Semiconductor MIC5333 Datasheet HTML 7Page - Micrel Semiconductor MIC5333 Datasheet HTML 8Page - Micrel Semiconductor MIC5333 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5333
February 2008
2
M9999-021408-A
Ordering Information
Part Number
Manufacturing
Part Number
Marking
Voltage
Junction
Temperature Range
Package
MIC5333-2.5/1.2YMT
MIC5333-J4YMT
XJ4
2.5V/1.2V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
MIC5333-2.8/2.8YMT
MIC5333-MMYMT
XMM
2.8V/2.8V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
MIC5333-2.8/2.85YMT
MIC5333-MNYMT
XMN
2.8V/2.85V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
MIC5333-2.85/2.85YMT
MIC5333-NNYMT
XNN
2.85V/2.85V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
MIC5333-3.0/2.8YMT
MIC5333-PMYMT
XPM
3.0V/2.8V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
MIC5333-3.0/2.85YMT
MIC5333-PNYMT
XPN
3.0V/2.85V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
MIC5333-3.0/3.0YMT
MIC5333-PPYMT
XPP
3.0V/3.0V
–40° to +125°C
10-Pin 2.5 x 2.5 Thin MLF
®
Note:
Other voltage options available. Contact Micrel for details.
Pin Configuration
EN2
EN1
5
1
VIN
GND
POR2
POR1
10 VOUT1
VOUT2
CSET2
CSET1
9
8
7
2
3
4
6
10-Pin 2.5mm x 2.5mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
POR2
Power-On Reset Output (Regulator 2): Open-drain output. Active low indicates
an output under-voltage condition on regulator 2 when the device is enabled.
4
POR1
Power-On Reset Output (Regulator 1): Open-drain output. Active low indicates
an output under-voltage condition on regulator 1 when the device is enabled.
5
EN2
Enable Input (Regulator 2): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
6
EN1
Enable Input (Regulator 1): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
7
CSET1
Delay Set Input (Regulator 1): Connect external capacitor to GND to set the
internal delay for the POR1 output. When left open, there is no delay. This pin
cannot be grounded.
8
CSET2
Delay Set Input (Regulator 2): Connect external capacitor to GND to set the
internal delay for the POR2 output. When left open, there is no delay. This pin
cannot be grounded.
9
VOUT2
Regulator Output – LDO2.
10
VOUT1
Regulator Output – LDO1.


Similar Part No. - MIC5333

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5333

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
logo
List of Unclassifed Man...
EUP7212 ETC1-EUP7212 Datasheet
262Kb / 10P
   Dual 150/300mA LDO with POR
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com